Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3533TMX-40A/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533TMX-40A/NOPB
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533TMX-40A/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3533TMX-40A/NOPB Datasheet HTML 17Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 18Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 19Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 20Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 21Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 22Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 23Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 24Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
ALS Enable
ALS Startup Fast Average Period
(1.1 ms)
VALS_X
Zone 0
ALS Zone
I
2
C
ILED
Zone
0
Zone
0
Zone
0
Zone Target x
VALS_Y
Startup
Ramp Rate
Zone Target y
Normal ALS
Average Period
Zone X
Zone X
Zone X
Zone Y
Run Time
Ramp Rate
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
Device Functional Modes (continued)
7.4.8.5 ALS Averager
Once digitized the output of the ADC is sent into the ALS averager. The averager computes the average of the
number of samples taken over the programmed average period. The ALS average times are set via bits [5:3] in
the ALS Configuration Register. The output of the ALS average can be read back via the ADC Average register
(address 0x38). With the ALS Enable bit set, the ADC Average register is updated after each average period
(see Figure 28). After every average period the Averager Output stores the information for which brightness zone
the ALS input voltage resides in (see Figure 27).
7.4.8.6 Initializing the ALS
On initial start-up of the ALS Interface, the Ambient Light Zone defaults to Zone 0. This allows the ALS to start off
in a predictable state. The drawback is that Zone 0 is often not representative of the true ALS Brightness Zone,
as the ALS input can get to its ambient light representative voltage much faster than the LED current is allowed
to change. In order to avoid a multiple average time wait for the backlight current to get to its correct state, the
LM3533 switches over to a fast average period (1.1 ms) during the ALS start-up. This quickly brings the ALS
Brightness Zone (and the backlight current) to its correct setting (see Figure 29).
Figure 29. ALS Start-up Sequence
7.4.8.7 ALS Algorithms
There are three ALS algorithms that can be selected independently by each ALS Mapper (ALSM1, ALSM2, and
ALSM3) (see Table 23). The ALS algorithms are: direct, up only, and down delay.
7.4.8.8 ALS Rules
For each algorithm, the ALS follows these basic rules:
1. For the ALS Interface to force a change in the backlight current (to a higher zone target), the averager output
must have shown an increase for 3 consecutive average periods, or an increase and a remain at the new
zone for 3 consecutive average periods.
2. For the ALS Interface to force a change in the backlight current (to a lower zone target), the averager output
must have shown a decrease for 3 consecutive average periods, or a decrease and remain at the new zone
for 3 consecutive average periods.
3. If condition 1 or 2 above is satisfied, and during the next average period the averager output changes again
in the same direction as the last change, the LED current immediately changes at the beginning of the next
average period.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com