Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3533TMX-40A/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3533TMX-40A/NOPB
Description  Complete Lighting Power Solution for Smartphone Handsets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3533TMX-40A/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM3533TMX-40A/NOPB Datasheet HTML 1Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 2Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 3Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 4Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 5Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 6Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 7Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 8Page - Texas Instruments LM3533TMX-40A/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
LM3533
www.ti.com
SNOSC68C – APRIL 2012 – REVISED SEPTEMBER 2015
6.5 Electrical Characteristics
Unless otherwise specified VIN = 3.6 V; typical limits are for TA = 25°C and minimum and maximum limits apply over the full
operating ambient temperature range (
−40°C ≤ TA ≤ +85°C).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISHDN
Shutdown current
2.7 V
≤ VIN ≤ 5.5 V, HWEN = GND
1
5
µA
Full-scale current = 20.2 mA
ILED_MIN
Minimum LED current
9.5
µA
Exponential mapping
Thermal shutdown
140
TSD
°C
Hysteresis
15
BOOST CONVERTER
Output current regulation
2.7 V
≤ VIN ≤ 5.5 V
IHVLED(1/2)
17
20.2
23
mA
(HVLED1 or HVLED2)
full-scale current = 20.2mA, brightness code = 0xFF
HVLED1 to HVLED2
Both current sinks are assigned
IMATCH_HV
2.7 V
≤ VIN ≤ 5.5 V
–2%
1%
2%
matching (1)
to Control Bank A
Regulated current sink
VREG_CS
400
mV
headroom voltage
Minimum current sink
ILED = 95% of nominal
VHR_HV
headroom voltage for
190
250
mV
full-scale current = 20.2 mA
HVLED current sinks
NMOS switch on
RDSON
ISW = 500 mA
0.3
Ω
resistance
ICL_BOOST
NMOS switch current limit
VIN = 3.6 V
880
1000
1120
mA
ON threshold, 2.7 V
≤ VIN ≤ 5.5 V
39
40
41
Output overvoltage
OVP select bits = 11
VOVP
V
protection
Hysteresis
1
Boost frequency select bit = 0
450
500
550
ƒSW
Switching frequency
2.7 V
≤ VIN ≤ 5.5 V
kHz
Boost frequency select bit = 1
900
1000
1100
DMAX
Maximum duty cycle
94%
CHARGE PUMP
ILVLED(1/2/3/ Output current regulation
2.7 V
≤ VIN ≤ 5.5 V, full-scale current = 20.2 mA
17
20.2
23
mA
4/5)
(low-voltage current sinks) brightness code = 0xFF
LVLED current sink
IMATCH_LV
2.7 V
≤ VIN ≤ 5.5 V
–2%
1%
2%
matching (2)
Minimum current sink
VHR_LV
headroom voltage for
ILED = 95% of nominal, full-scale current = 20.2 mA
80
110
mV
LVLED current sinks
Threshold for gain
VGTH
VLVLED falling
110
mV
transition
1× gain
180
350
3 V
≤ VIN ≤ 5.5 V,
ICL_PUMP
Charge-pump current limit
mA
output referred
2× gain
240
Charge-pump output
ROUT
1× gain
1.1
Ω
resistance
HWEN INPUT
Logic low
0
0.4
VHWEN
Logic thresholds
V
Logic high
1.2
VIN
PWM INPUT
VPWM_L
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
400
mV
VPWM_H
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.25
VIN
V
(1)
LED current sink matching between HVLED1 and HVLED2 is given by taking the difference between either (IHVLED1 or IHVLED2) and
the average current between the two, and dividing by the average current between the two. This simplifies to (IHVLED1 (or IHVLED2) –
IHVLED(AVE))/(IHVLED(AVE)) × 100. In this test, both HVLED1 and HVLED2 are assigned to Bank A.
(2)
LED current sink matching in the low-voltage current sinks (LVLED1 through LVLED5) is given as the maximum matching value
between any two current sinks, where the matching between any two low voltage current sinks (X and Y) is given as (ILVLEDX (or
ILVLEDY) – IAVE(X-Y))/(IAVE(X-Y)) × 100. In this test all LVLED current sinks are assigned to Bank C.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3533



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com