Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF1B-30SCF Datasheet(PDF) 12 Page - Hirose Electric

Part # DF1B-30SCF
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-30SCF Datasheet(HTML) 12 Page - Hirose Electric

Back Button DF1B-30SCF Datasheet HTML 8Page - Hirose Electric DF1B-30SCF Datasheet HTML 9Page - Hirose Electric DF1B-30SCF Datasheet HTML 10Page - Hirose Electric DF1B-30SCF Datasheet HTML 11Page - Hirose Electric DF1B-30SCF Datasheet HTML 12Page - Hirose Electric DF1B-30SCF Datasheet HTML 13Page - Hirose Electric DF1B-30SCF Datasheet HTML 14Page - Hirose Electric DF1B-30SCF Datasheet HTML 15Page - Hirose Electric DF1B-30SCF Datasheet HTML 16Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
B164
s Double Row In-line Socket (Full Lock Type)
[Specific No.] –* *, (* *)
Blank: 100 pcs. per pack
Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag.
Unit: mm
Part Number
CL No.
DF1B-24DES-2.5RC(**)
DF1B-26DES-2.5RC(**)
DF1B-28DES-2.5RC(**)
DF1B-30DES-2.5RC(**)
DF1B-32DES-2.5RC(**)
DF1B-34DES-2.5RC(**)
541-0357-8-**
541-0358-0-**
541-0359-3-**
541-0360-2-**
541-0361-5-**
541-0362-8-**
24
26
28
30
32
34
27.5
30
32.5
35
37.5
40
32.5
35
37.5
40
42.5
45
Number of Contacts
A
B
Part Number
CL No.
DF1B-10DES-2.5RC(**)
DF1B-12DES-2.5RC(**)
DF1B-14DES-2.5RC(**)
DF1B-16DES-2.5RC(**)
DF1B-18DES-2.5RC(**)
DF1B-20DES-2.5RC(**)
DF1B-22DES-2.5RC(**)
541-0351-1-**
541-0352-4-**
541-0353-7-**
541-0354-0-**
541-0346-1-**
541-0355-2-**
541-0356-5-**
10
12
14
16
18
20
22
10
12.5
15
17.5
20
22.5
25
15
17.5
20
22.5
25
27.5
30
Number of Contacts
A
B
KApplicable Socket: DF1B-*EP-2.5RC
Contact Inserted.
B Panel Cutouts
Note 1.The installation hole size C according to panel board thickness.
Note 2.Fabricate installation holes so that no burr can occur.
Unit: mm
Applicable Plug
Number of Contacts
DF1B-10DES-2.5RC(**)
DF1B-12DES-2.5RC(**)
DF1B-14DES-2.5RC(**)
DF1B-16DES-2.5RC(**)
DF1B-18DES-2.5RC(**)
DF1B-20DES-2.5RC(**)
DF1B-22DES-2.5RC(**)
DF1B-24DES-2.5RC(**)
DF1B-26DES-2.5RC(**)
DF1B-28DES-2.5RC(**)
DF1B-30DES-2.5RC(**)
DF1B-32DES-2.5RC(**)
DF1B-34DES-2.5RC(**)
10
12
14
16
18
20
22
24
26
28
30
32
34
0.5 to 1.2
Panel Board Thickness (Note 1)
C
19.1
21.6
24.1
26.6
29.1
31.6
34.1
36.6
39.1
41.6
44.1
46.6
49.1
1.3 to 1.6
19.8
22.3
24.8
27.3
29.8
32.3
34.8
37.3
39.8
42.3
44.8
47.3
49.8
1.7 to 2.0
20.5
23
25.5
28
30.5
33
35.5
38
40.5
43
45.5
48
50.5
D
E
15.2
17.7
20.2
22.7
25.2
27.7
30.2
32.7
35.2
37.7
40.2
42.7
45.2
3.7
3.7
3.7
3.7
3.7
5.2
5.2
5.2
5.2
5.2
5.2
5.2
5.2
Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com