Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DF1B-30SCF Datasheet(PDF) 17 Page - Hirose Electric

Part # DF1B-30SCF
Description  2.5mm Pitch Connector for Discrete Wire Connection (Product Compliant with UL/CSA Standard)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1B-30SCF Datasheet(HTML) 17 Page - Hirose Electric

Back Button DF1B-30SCF Datasheet HTML 9Page - Hirose Electric DF1B-30SCF Datasheet HTML 10Page - Hirose Electric DF1B-30SCF Datasheet HTML 11Page - Hirose Electric DF1B-30SCF Datasheet HTML 12Page - Hirose Electric DF1B-30SCF Datasheet HTML 13Page - Hirose Electric DF1B-30SCF Datasheet HTML 14Page - Hirose Electric DF1B-30SCF Datasheet HTML 15Page - Hirose Electric DF1B-30SCF Datasheet HTML 16Page - Hirose Electric DF1B-30SCF Datasheet HTML 17Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
B169
B Applicable Tool
BPrecautions
1. Recommended Soldering Condition
Flow: 250ç for 3 seconds
Manual soldering: 290ç for 2 seconds
2. Cleaning Condition
Refer to Nylon Connector Use Hand book.
3. Connection Condition
Refer to Nylon Connector Use Hand book.
4. Cautions
sThe color phase of this product is slightly different from that of the formed product according to
the manufacturing lot and future storage conditions, but the difference doesn't affect the
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com