Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743DPTP2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6743DPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743DPTP2 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6743DPTP2 Datasheet HTML 1Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 2Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 3Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 4Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 5Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 6Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 7Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 8Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 151 page
background image
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
Table of Contents
1
TMS320C6743 Fixed- and Floating-Point Digital
6.8
General-Purpose Input/Output (GPIO)
.............. 56
Signal Processor
......................................... 1
6.9
EDMA
............................................... 59
1.1
Features
.............................................. 1
6.10
External Memory Interface A (EMIFA)
.............. 64
1.2
Applications
........................................... 2
6.11
External Memory Interface B (EMIFB)
.............. 70
1.3
Description
............................................ 3
6.12
Memory Protection Units
............................ 76
1.4
Functional Block Diagram
............................ 4
6.13
MMC / SD / SDIO (MMCSD)
........................ 79
2
Revision History
......................................... 6
6.14
Ethernet Media Access Controller (EMAC)
......... 82
3
Device Overview
......................................... 7
6.15
Management Data Input/Output (MDIO)
............ 87
3.1
Device Characteristics
................................ 7
6.16
Multichannel Audio Serial Ports (McASP0,
McASP1)
............................................ 89
3.2
Device Compatibility
.................................. 8
6.17
Serial Peripheral Interface Ports (SPI0)
............. 99
3.3
DSP Subsystem
...................................... 8
6.18
Enhanced Capture (eCAP) Peripheral
............. 112
3.4
Memory Map Summary
............................. 18
6.19
Enhanced Quadrature Encoder (eQEP)
3.5
Pin Assignments
.................................... 21
Peripheral
.......................................... 115
3.6
Terminal Functions
.................................. 23
6.20
Enhanced Pulse Width Modulator (eHRPWM)
4
Device Configuration
.................................. 36
Modules
............................................ 117
4.1
Boot Modes
......................................... 36
6.21
Timers
.............................................. 121
4.2
SYSCFG Module
.................................... 36
6.22
Inter-Integrated Circuit Serial Ports (I2C0, I2C1)
.. 123
4.3
Pullup/Pulldown Resistors
.......................... 38
6.23
Universal Asynchronous Receiver/Transmitter
5
Device Operating Conditions
........................ 39
(UART)
............................................. 127
5.1
Absolute Maximum Ratings Over Operating
6.24
Power and Sleep Controller (PSC)
................ 129
Junction Temperature Range
6.25
Programmable Real-Time Unit Subsystem
(Unless Otherwise Noted)
................................. 39
(PRUSS)
........................................... 132
5.2
Handling Ratings
.................................... 39
6.26
Emulation Logic
.................................... 135
5.3
Recommended Operating Conditions
............... 40
6.27
IEEE 1149.1 JTAG
................................ 137
5.4
Notes on Recommended Power-On Hours (POH)
. 41
7
Device and Documentation Support
.............. 139
5.5
Electrical Characteristics Over Recommended
7.1
Device Support
..................................... 139
Ranges of Supply Voltage and Operating Junction
7.2
Documentation Support
............................ 140
Temperature (Unless Otherwise Noted)
............ 42
7.3
Community Resources
............................. 141
6
Peripheral Information and Electrical
Specifications
........................................... 43
7.4
Trademarks
........................................ 141
6.1
Parameter Information
.............................. 43
7.5
Electrostatic Discharge Caution
................... 141
6.2
Recommended Clock and Control Signal Transition
7.6
Glossary
............................................ 141
Behavior
............................................. 44
8
Mechanical Packaging and Orderable
6.3
Power Supplies
...................................... 44
Information
............................................. 142
6.4
Reset
................................................ 45
8.1
Thermal Data for ZKB
............................. 142
6.5
Crystal Oscillator or External Clock Input
........... 47
8.2
Thermal Data for PTP
............................. 143
6.6
Clock PLLs
.......................................... 48
8.3
Supplementary Information About the 176-pin PTP
PowerPAD™ Package
............................. 143
6.7
DSP Interrupts
...................................... 52
8.4
Mechanical Drawings
.............................. 144
Copyright © 2009–2014, Texas Instruments Incorporated
Table of Contents
5
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com