Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743DPTP2 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6743DPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743DPTP2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320C6743DPTP2 Datasheet HTML 3Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 4Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 5Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 6Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 7Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 8Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 9Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 10Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 151 page
background image
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
3
Device Overview
3.1
Device Characteristics
provides an overview of the C6743 Low power digital signal processor. The table shows significant
features of the device, including the capacity of on-chip RAM, peripherals, and the package type with pin
count.
Characteristics of the C6743 Processor
HARDWARE FEATURES
C6743
SDRAM only, 16-bit bus width, up to
SDRAM only, 16-bit bus width, up to
EMIFB
128 MB (PTP)
128 MB (ZKB)
EMIFA
Asynchronous (8-bit bus width) RAM, Flash, NOR, NAND
Flash Card Interface
MMC and SD cards supported.
EDMA3
32 independent channels, 8 QDMA channels, 2 Transfer controllers
2 64-Bit General Purpose (configurable as 2 separate 32-bit timers, 1
Timers
configurable as Watch Dog)
UART
2 (One with RTS and CTS flow control)
Peripherals
SPI
One with one hardware chip select
Not all peripherals pins
I2C
2 (both Master/Slave)
are available at the
same time (for more
Multichannel Audio Serial Port
2 (each with transmit/receive, FIFO buffer, 14/9 serializers)
detail, see the Device
[McASP]
Configurations section).
10/100 Ethernet MAC with
1 (RMII Interface)
Management Data I/O
eHRPWM
6 Single Edge, 6 Dual Edge Symmetric, or 3 Dual Edge Asymmetric Outputs
eCAP
3 32-bit capture inputs or 3 32-bit auxiliary PWM outputs
eQEP
2 32-bit QEP channels with 4 inputs/channel
General-Purpose Input/Output
8 banks of 16-bit
Port
PRU Subsystem (PRUSS)
2 Programmable PRU Cores
Size (Bytes)
320KB RAM
DSP
32KB L1 Program (L1P)/Cache (up to 32KB)
On-Chip Memory
Organization
32KB L1 Data (L1D)/Cache (up to 32KB)
128KB Unified Mapped RAM/Cache (L2)
DSP Memories can be made accessible to EDMA3, and other peripherals.
C674x CPU ID + CPU
Control Status Register
0x1400
Rev ID
(CSR.[31:16])
C674x Megamodule
Revision ID Register
0x0000
Revision
(MM_REVID[15:0])
0x8B7DF02F (Silicon Revision 1.0)
JTAG BSDL_ID
DEVIDR0 register
0x8B7DF02F (Silicon Revision 1.1)
0x9B7DF02F (Silicon Revision 3.0, 2.1, and 2.0)
CPU Frequency
MHz
C674x DSP 375(/200) MHz
Core (V)
1.2 V
Voltage
I/O (V)
3.3 V
24 mm x 24 mm, 176-Pin, 0.5 mm
17 mm x 17 mm, 256-Ball 1 mm pitch,
Package
pitch, TQFP (PTP)
PBGA (ZKB)
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PD
or Production Data (PD)
(1)
PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not necessarily include testing of all parameters.
Copyright © 2009–2014, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com