Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP91200MT/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91200MT/NOPB
Description  Configurable AFE for Low-Power Chemical-Sensing Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91200MT/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP91200MT/NOPB Datasheet HTML 4Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
INP (V)
TA=125°C
Average
Average -31
Average +31
-0.50
-0.25
0.00
0.25
0.50
-80
-60
-40
-20
0
20
40
60
80
INP-VCM (V)
TA=125°C
Average
Average -31
Average +31
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-300
-240
-180
-120
-60
0
60
120
180
240
300
INP (V)
TA=85°C
Average
Average -31
Average +31
-0.50
-0.25
0.00
0.25
0.50
-5
-4
-3
-2
-1
0
1
2
3
4
5
INP-VCM (V)
TA=85°C
Average
Average -31
Average +31
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-100
-80
-60
-40
-20
0
20
40
60
80
100
INP (V)
TA=25°C
Average
Average -31
Average +31
-0.50
-0.25
0.00
0.25
0.50
-500
-400
-300
-200
-100
0
100
200
300
400
500
INP-VCM (V)
TA=25°C
Average
Average -31
Average +31
8
LMP91200
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LMP91200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Unless otherwise specified, TA= 25°C, VS= (VDD – GND) = 3.3 V, VREF = 3.3 V.
Figure 1. pH Buffer Input Bias Current vs
VINP - Device ON
Figure 2. pH Buffer Input Bias Current vs
VINP - Device OFF
Figure 3. pH Buffer Input Bias Current vs
VINP - Device ON
Figure 4. pH Buffer Input Bias Current vs
VINP - Device OFF
Figure 5. pH Buffer Input Bias Current vs
VINP - Device ON
Figure 6. pH Buffer Input Bias Current vs
VINP - Device OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com