Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP91200MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91200MT/NOPB
Description  Configurable AFE for Low-Power Chemical-Sensing Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP91200MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP91200MT/NOPB Datasheet HTML 1Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 2Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 3Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 4Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP91200MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMP91200
+
± pH
BUFFER
VCM
BUFFER
VDD
VDD
GND
GND
MCU
VOUT
ADC
VOCM
VREF
GND
VCMHI
NC
NC
GUARD1
GUARD2
INP
VCM
GND
pH Electrode
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMP91200
SNAS571E – JANUARY 2012 – REVISED FEBRUARY 2016
LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications
1
1 Features
1
•
Active Guarding
•
Key Specifications
Unless otherwise noted, typical values at
TA = 25°C, VS = (VDD-GND) = 3.3 V
–
pH Buffer Input Bias Current (0 < VINP < 3.3 V)
–
Maximum at 25°C: ±125 fA
–
Maximum at 85°C: ±445 fA
–
pH Buffer Input Bias Current
(–500 mV < VINP– VCM < 500 mV),
VS = (VDD – GND) = 0 V
–
Maximum at 25°C: ±600 fA
–
Maximum at 85°C: ±6.5 pA
–
pH Buffer Input Offset Voltage: ±200 µV
–
pH Buffer Input Offset Voltage Drift: ±2.5
μV/°C
–
Supply Current: 50
μA
–
Supply Voltage: 1.8 V to 5.5 V
–
Operating Temperature Range: –40°C to
125°C
–
Package: 16-Pin TSSOP
2 Applications
•
pH Sensor Platforms
3 Description
The LMP91200 device is a sensor AFE for use in
low-power,
analytical-sensing
applications.
The
LMP91200 is designed for 2-electrode sensors. This
device provides all of the functionality needed to
detect changes based on a delta voltage at the
sensor. Optimized for low-power applications, the
LMP91200 works over a voltage range of 1.8 V to 5.5
V. With its extremely low input bias current it is
optimized for use with pH sensors. Also, in absence
of supply voltage the very low input bias current
reduces
degradation
of
the
pH
probe
when
connected to the LMP91200. Two guard pins provide
support
for
high
parasitic
impedance
wiring.
Depending
on
the
configuration,
total
current
consumption for the device is 50 µA while measuring
pH. Available in a 16-pin TSSOP package, the
LMP91200 operates from –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMP91200
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - LMP91200MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91200MT/NOPB TI2-LMP91200MT/NOPB Datasheet
633Kb / 25P
LMP91200 Configurable AFE for Low-Power Chemical-Sensing Applications
REVISED FEBRUARY 2016
More results

Similar Description - LMP91200MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Texas Instruments
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
Configurable AFE for Low-Power Chemical Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
54F175DMQB TI-54F175DMQB Datasheet
1Mb / 23P
LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com