Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF141MB Datasheet(PDF) 41 Page - SPANSION

Part # MB9AF141MB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141MB Datasheet(HTML) 41 Page - SPANSION

Back Button MB9AF141MB Datasheet HTML 37Page - SPANSION MB9AF141MB Datasheet HTML 38Page - SPANSION MB9AF141MB Datasheet HTML 39Page - SPANSION MB9AF141MB Datasheet HTML 40Page - SPANSION MB9AF141MB Datasheet HTML 41Page - SPANSION MB9AF141MB Datasheet HTML 42Page - SPANSION MB9AF141MB Datasheet HTML 43Page - SPANSION MB9AF141MB Datasheet HTML 44Page - SPANSION MB9AF141MB Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 121 page
background image
D a t a S h e e t
38
MB9A140NB_DS706-00040-4v0-E, June 10, 2015
CONFIDENTIAL
Pin
Function
Pin Name
Function Description
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
BGA-
96
LQFP/
QFN-
64
Reset
INITX
External Reset Input pin.
A reset is valid when
INITX=L.
38
16
K4
28
K4
21
Mode
MD0
Mode 0 pin.
During normal operation,
MD0=L must be input. During
serial programming to Flash
memory, MD0=H must be
input.
47
25
L8
37
L8
29
MD1
Mode 1 pin.
During serial programming to
Flash memory, MD1=L must
be input.
46
24
K9
36
K9
28
Power
VCC
Power supply Pin
1
79
B1
1
B1
1
VCC
Power supply Pin
26
4
J1
-
-
-
VCC
Power supply Pin
35
13
K1
25
K1
18
VCC
Power supply Pin
51
29
K11
41
K11
33
VCC
Power supply Pin
76
54
A10
-
-
-
VCC
Power supply Pin
97
75
A4
77
A4
61
GND
VSS
GND Pin
-
-
-
-
F1
-
VSS
GND Pin
-
-
-
-
F2
-
VSS
GND Pin
-
-
-
-
F3
-
VSS
GND Pin
-
-
B2
-
B2
-
VSS
GND Pin
25
3
L1
20
L1
16
VSS
GND Pin
-
-
K2
-
K2
-
VSS
GND Pin
-
-
J3
-
J3
-
VSS
GND Pin
-
-
H4
-
-
-
VSS
GND Pin
-
-
-
-
L6
-
VSS
GND Pin
34
12
L4
24
L4
-
VSS
GND Pin
50
28
L11
40
L11
32
VSS
GND Pin
-
-
K10
-
K10
-
VSS
GND Pin
-
-
J9
-
J9
-
VSS
GND Pin
-
-
H8
-
-
-
VSS
GND Pin
-
-
B10
-
B10
-
VSS
GND Pin
-
-
C9
-
C9
-
VSS
GND Pin
-
-
-
-
D11
-
VSS
GND Pin
75
53
A11
-
A11
-
VSS
GND Pin
-
-
D8
-
-
-
VSS
GND Pin
-
-
-
-
A7
-
VSS
GND Pin
-
-
D4
-
-
-
VSS
GND Pin
-
-
C3
-
C3
-
VSS
GND Pin
-
-
-
-
A5
-
VSS
GND Pin
100
78
A1
80
A1
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com