Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF141MB Datasheet(PDF) 54 Page - SPANSION

Part # MB9AF141MB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141MB Datasheet(HTML) 54 Page - SPANSION

Back Button MB9AF141MB Datasheet HTML 50Page - SPANSION MB9AF141MB Datasheet HTML 51Page - SPANSION MB9AF141MB Datasheet HTML 52Page - SPANSION MB9AF141MB Datasheet HTML 53Page - SPANSION MB9AF141MB Datasheet HTML 54Page - SPANSION MB9AF141MB Datasheet HTML 55Page - SPANSION MB9AF141MB Datasheet HTML 56Page - SPANSION MB9AF141MB Datasheet HTML 57Page - SPANSION MB9AF141MB Datasheet HTML 58Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 121 page
background image
D a t a S h e e t
June 10, 2015, MB9A140NB_DS706-00040-4v0-E
51
CONFIDENTIAL
 Block Diagram
Cortex-M3 Core
@40 MHz(Max)
Flash I/F
Clock Reset
Generator
Dual-Timer
WatchDog Timer
(Hardware)
DMAC
8ch.
Watch Counter
Unit 0
CSV
External Interrupt
Controller
16-pin + NMI
Power-On
Reset
SRAM0
8/16 Kbyte
SRAM1
8/16 Kbyte
I
D
Sys
NVIC
WatchDog Timer
(Software)
Security
12-bit A/D Converter
Unit 1
TRSTX,TCK,
TDI,TMS
TRACEDx,
TRACECLK
AVCC,
AVSS,
AVRH
ANxx
TIOAx
TIOBx
C
TDO
SCKx
SINx
SOTx
INTx
NMIX
P0x,
P1x,
.
.
.
PEx
INITX
MODE-Ctrl
IRQ-Monitor
MD0,
MD1
Regulator
CRC
Accelerator
ADTGx
RTS4
CTS4
MADx
MADATAx
MCSXx,
MOEX,
MWEX,
MALE,
MRDY,
MCLKOUT,
MDQMx
On-Chip Flash
64+32 Kbyte/
128+32 Kbyte/
256+32 Kbyte
Multi-Function Serial I/F
8ch.
(with FIFO ch.4 to ch.7)
HW flow control(ch.4)*2
External Bus I/F*
2
GPIO
PIN-Function-Ctrl
LVD
TPIU*
1
ROM
Table
ETM*
1
SWJ-DP
CEC0,CEC1
LVD Ctrl
Base Timer
16-bit 8ch./
32-bit 4ch.
HDMI-CEC/
Remote Reciver Control
Real-Time Clock
RTCCO,
SUBOUT
Deep Standby Ctrl
WKUPx
CLK
X0
X1
X0A
X1A
Main
Osc
PLL
Sub
Osc
CR
4 MHz
CR
100 kHz
CROUT
Source Clock
*1: For the MB9AF141LB/MB, MB9AF142LB/MB, and MB9AF144LB/MB, ETM is not available.
*2: For the MB9AF141LB, MB9AF142LB and MB9AF144LB, the External Bus Interface is not available. And
the Multi-function Serial Interface does not support hardware flow control in these products.
 Memory Size
See
Memory size in Product Lineup to confirm the memory size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com