Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF141MB Datasheet(PDF) 107 Page - SPANSION

Part # MB9AF141MB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141MB Datasheet(HTML) 107 Page - SPANSION

Back Button MB9AF141MB Datasheet HTML 103Page - SPANSION MB9AF141MB Datasheet HTML 104Page - SPANSION MB9AF141MB Datasheet HTML 105Page - SPANSION MB9AF141MB Datasheet HTML 106Page - SPANSION MB9AF141MB Datasheet HTML 107Page - SPANSION MB9AF141MB Datasheet HTML 108Page - SPANSION MB9AF141MB Datasheet HTML 109Page - SPANSION MB9AF141MB Datasheet HTML 110Page - SPANSION MB9AF141MB Datasheet HTML 111Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 121 page
background image
DataS h eet
104
MB9A140NB_DS706-00040-4v0-E, June 10, 2015
CONFIDENTIAL
Package Dimensions
100-pin plastic LQFP
Lead pitch
0.50 mm
Package width ×
package length
14.00 mm × 14.00 mm
Lead shape
Gullwing
Lead bend
direction
Normal bend
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
0.65 g
100-pin plastic LQFP
(FPT-100P-M23)
(FPT-100P-M23)
C
2009-2010 FUJITSU SEMICONDUCTOR LIMITED F100034S-c-3-4
16.00±0.20(.630±.008)SQ
125
51
76
75
100
0.50(.020)
0.22±0.05
M
0.08(.003)
*14.00±0.10(.551±.004)SQ
26
50
0.145±0.055
(.006±.002)
0.08(.003)
"A"
INDEX
0°~8°
0.50±0.20
0.10±0.10
(Stand off)
+.008
+0.20
(Mounting height)
-0.10
1.50
.059 -.004
(
)
0.60±0.15
0.25(.010)
Dimensions in mm (inches).
Note:The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.
Details of "A" part
(.004±.004)
(.009±.002)
(.020±.008)
(.024±.006)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com