Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF141NB Datasheet(PDF) 37 Page - SPANSION

Part # MB9AF141NB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141NB Datasheet(HTML) 37 Page - SPANSION

Back Button MB9AF141NB Datasheet HTML 33Page - SPANSION MB9AF141NB Datasheet HTML 34Page - SPANSION MB9AF141NB Datasheet HTML 35Page - SPANSION MB9AF141NB Datasheet HTML 36Page - SPANSION MB9AF141NB Datasheet HTML 37Page - SPANSION MB9AF141NB Datasheet HTML 38Page - SPANSION MB9AF141NB Datasheet HTML 39Page - SPANSION MB9AF141NB Datasheet HTML 40Page - SPANSION MB9AF141NB Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
D a t a S h e e t
34
MB9A140NB_DS706-00040-4v0-E, June 10, 2015
CONFIDENTIAL
Pin
Function
Pin Name
Function Description
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
BGA-
96
LQFP/
QFN-
64
Multi-
function
Serial
2
SIN2_2
Multi-function serial interface
ch.2 input pin
59
37
G9
49
F10
40
SOT2_2
(SDA2_2)
Multi-function serial interface
ch.2 output pin.
This pin operates as SOT2
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SDA2
when it is used in an I
2C
(operation mode 4).
63
41
G8
53
F9
44
SCK2_2
(SCL2_2)
Multi-function serial interface
ch.2 clock I/O pin.
This pin operates as SCK2
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SCL2
when it is used in an I
2C
(operation mode 4).
64
42
F10
54
E11
45
Multi-
function
Serial
3
SIN3_1
Multi-function serial interface
ch.3 input pin
2
80
C1
2
C1
2
SIN3_2
39
17
K6
29
J5
-
SOT3_1
(SDA3_1)
Multi-function serial interface
ch.3 output pin.
This pin operates as SOT3
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SDA3
when it is used in an I
2C
(operation mode 4).
3
81
C2
3
C2
3
SOT3_2
(SDA3_2)
40
18
J6
30
K6
-
SCK3_1
(SCL3_1)
Multi-function serial interface
ch.3 clock I/O pin.
This pin operates as SCK3
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SCL3
when it is used in an I
2C
(operation mode 4).
4
82
B3
4
B3
4
SCK3_2
(SCL3_2)
41
19
L7
31
J6
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com