Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB9AF141NB Datasheet(PDF) 71 Page - SPANSION

Part # MB9AF141NB
Description  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141NB Datasheet(HTML) 71 Page - SPANSION

Back Button MB9AF141NB Datasheet HTML 67Page - SPANSION MB9AF141NB Datasheet HTML 68Page - SPANSION MB9AF141NB Datasheet HTML 69Page - SPANSION MB9AF141NB Datasheet HTML 70Page - SPANSION MB9AF141NB Datasheet HTML 71Page - SPANSION MB9AF141NB Datasheet HTML 72Page - SPANSION MB9AF141NB Datasheet HTML 73Page - SPANSION MB9AF141NB Datasheet HTML 74Page - SPANSION MB9AF141NB Datasheet HTML 75Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 121 page
background image
D a t a S h e e t
68
MB9A140NB_DS706-00040-4v0-E, June 10, 2015
CONFIDENTIAL
4. AC Characteristics
(1) Main Clock Input Characteristics
(VCC = 1.65V to 3.6V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Input frequency
fCH
X0,
X1
VCC ≥ 2.7 V
4
48
MHz
When crystal oscillator
is connected
VCC < 2.7 V
4
20
-
4
48
MHz
When using external
clock
Input clock cycle
tCYLH
-
20.83
250
ns
When using external
clock
Input clock pulse
width
-
PWH/tCYLH,
PWL/tCYLH
45
55
%
When using external
clock
Input clock rising
time and falling
time
tCF,
tCR
-
-
5
ns
When using external
clock
Internal operating
clock*
1 frequency
fCM
-
-
-
40
MHz
Master clock
fCC
-
-
-
40
MHz
Base clock
(HCLK/FCLK)
fCP0
-
-
-
40
MHz
APB0 bus clock*
2
fCP1
-
-
-
40
MHz
APB1 bus clock*
2
fCP2
-
-
-
40
MHz
APB2 bus clock*
2
Internal operating
clock*
1 cycle time
tCYCC
-
-
25
-
ns
Base clock
(HCLK/FCLK)
tCYCP0
-
-
25
-
ns
APB0 bus clock*
2
tCYCP1
-
-
25
-
ns
APB1 bus clock*
2
tCYCP2
-
-
25
-
ns
APB2 bus clock*
2
*1: For more information about each internal operating clock, see Chapter 2-1: Clock in FM3 Family Peripheral
Manual.
*2: For about each APB bus which each peripheral is connected to, see  Block Diagram in this data
sheet.
X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com