Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF5111 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF5111
Description  DCS POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5111 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF5111_15 Datasheet HTML 4Page - RF Micro Devices RF5111_15 Datasheet HTML 5Page - RF Micro Devices RF5111_15 Datasheet HTML 6Page - RF Micro Devices RF5111_15 Datasheet HTML 7Page - RF Micro Devices RF5111_15 Datasheet HTML 8Page - RF Micro Devices RF5111_15 Datasheet HTML 9Page - RF Micro Devices RF5111_15 Datasheet HTML 10Page - RF Micro Devices RF5111_15 Datasheet HTML 11Page - RF Micro Devices RF5111_15 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8 of 14
RF5111
Rev A1
DS150909
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Notes:
1. Using a hi-Q capacitor will increase efficiency slightly.
2. All capacitors are standard 0402 multi layer chip.
RF IN
V
CC
V
CC
5.1 pF
Note 1
50
Ω μstrip
1.0 pF
Note 1
33 pF
RF OUT
Quarter wave
length
15 pF
V
CC
1.0 pF
1 nF
12 pF
Very close to
pin 15/16
V
CC
APC
15 pF
15 pF
Distance center to
center of capacitors
0.220"
Instead of a stripline,
an inductor of ~6 nH
can be used
Distance between
edge of device and
capacitor is 0.080"
Instead of a stripline, an
inductor of 2.2 nH can
be used
15 pF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
33 pF
15 pF
Distance between edge of
device and capacitor is
0.240" to improve the "off"
isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com