Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF5111 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5111
Description  DCS POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5111 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5111_15 Datasheet HTML 1Page - RF Micro Devices RF5111_15 Datasheet HTML 2Page - RF Micro Devices RF5111_15 Datasheet HTML 3Page - RF Micro Devices RF5111_15 Datasheet HTML 4Page - RF Micro Devices RF5111_15 Datasheet HTML 5Page - RF Micro Devices RF5111_15 Datasheet HTML 6Page - RF Micro Devices RF5111_15 Datasheet HTML 7Page - RF Micro Devices RF5111_15 Datasheet HTML 8Page - RF Micro Devices RF5111_15 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VAT EN
RF IN
GND1
VCC1
NC
RF OUT
RF OUT
RF OUT
RF5111
3V DCS POWER AMPLIFIER
The RF5111 is a high-power, high-efficiency power amplifier module offering high
performance in GSM or GPRS applications. The device is manufactured on an
advanced GaAs HBT process, and has been designed for use as the final RF ampli-
fier in DCS1800/1900 handheld digital cellular equipment and other applications
in the 1700MHz to 2000MHz band. On-board power control provides over 65dB of
control range with an analog voltage input, and provides power down with a logic
“low” for standby operation. The device is self-contained with 50
Ω input and the
output can be easily matched to obtain optimum power and efficiency characteris-
tics. The RF5111 can be used together with the RF5110 for dual-band operation.
The device is packaged in an ultra-small plastic package, minimizing the required
board space.
Features
Single 2.7V to 4.8V Supply Volt-
age
+33dBm Output Power at 3.5V
27dB Gain with Analog Gain Con-
trol
50% Efficiency
1700MHz to 1950MHz Opera-
tion
Supports DCS1800 and
PCS1900
Applications
3V DCS1800 (PCN) Cellular
Handsets
3V DCS1900 (PCS) Cellular
Handsets
3V Dual-Band/Triple-Band Hand-
sets
Commercial and Consumer Sys-
tems
Portable Battery-Powered Equip-
ment
GPRS Compatible
RF5111
3V DCS Power Amplifier
RF5111PCBA-41X
Fully Assembled Evaluation Board
Rev A1
DS150909
RoHS Compliant & Pb-Free Product
Package Style: QFN, 16-Pin, 3 x 3


Similar Part No. - RF5111_15

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5111 RFMD-RF5111_1 Datasheet
311Kb / 14P
3V DCS POWER AMPLIFIER
More results

Similar Description - RF5111_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2014ATW PHILIPS-CGY2014ATW Datasheet
73Kb / 12P
GSM/DCS/PCS power amplifier
2000 Nov 28
CGY2021G PHILIPS-CGY2021G Datasheet
78Kb / 12P
DCS/PCS 2 W power amplifier
1997 Apr 03
logo
RF Micro Devices
RF2140 RFMD-RF2140 Datasheet
176Kb / 12P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174 Datasheet
129Kb / 12P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_06 Datasheet
163Kb / 16P
3V DCS POWER AMPLIFIER
RF5111 RFMD-RF5111 Datasheet
171Kb / 14P
3V DCS POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AP132-317 SKYWORKS-AP132-317 Datasheet
32Kb / 3P
3 V InGaP DCS Power Amplifier
logo
RF Micro Devices
RF5111 RFMD-RF5111_1 Datasheet
311Kb / 14P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_1 Datasheet
321Kb / 16P
3V DCS POWER AMPLIFIER
RF2174 RFMD-RF2174_15 Datasheet
817Kb / 14P
3V DCS POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com