Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC6545LP5ETR Datasheet(PDF) 13 Page - Analog Devices

Part # HMC6545LP5ETR
Description  32 Gbps Dual Channel Advanced Linear Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6545LP5ETR Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC6545LP5ETR Datasheet HTML 9Page - Analog Devices HMC6545LP5ETR Datasheet HTML 10Page - Analog Devices HMC6545LP5ETR Datasheet HTML 11Page - Analog Devices HMC6545LP5ETR Datasheet HTML 12Page - Analog Devices HMC6545LP5ETR Datasheet HTML 13Page - Analog Devices HMC6545LP5ETR Datasheet HTML 14Page - Analog Devices HMC6545LP5ETR Datasheet HTML 15Page - Analog Devices HMC6545LP5ETR Datasheet HTML 16Page - Analog Devices HMC6545LP5ETR Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
HMC6545
Rev. A | Page 13 of 23
Protocol
Table 11 lists the definitions and conditions occurring in a
2-wire data transfer.
Figure 28 shows a representation of a complete communication
cycle on the 2-wire interface.
The master generates a start condition to indicate the beginning
of a new data transfer.
The master then starts generating clock pulses on SCL and
transmits the first byte on SDA. This first byte always consists of
a 7-bit slave address followed by one bit that indicates the read/
write direction (R/W). The device on the bus with a matching
address generates an acknowledge.
The master continues generating more clock pulses on SCL and,
depending on the value of the R/W bit, sends (write operation,
R/W = 0) or receives (read operation, R/W = 1) data on SDA.
In each case, the receiver must acknowledge the data sent by the
transmitter. This sequence of 8-bit data followed by a 1-bit
acknowledge can be repeated multiple times.
When all data communication is over for the current transfer
cycle, the master indicates the end of data transfer by generating
a stop condition.
Data Transfer Formats
Write Cycle
In a write cycle, the master transmitter sends data to the slave
receiver. The transfer direction is from master to slave and does
not change (see Figure 29). The master generates a start condition
followed by a 7-bit slave address and by the R/W bit set to 0.
The slave with a matching address replies with an acknowledge.
The master then transmits the first byte to the slave device. This
first byte is an address of the internal registers of the slave. The
slave device replies with an acknowledge bit. For a subsequent
read cycle, the master generates a stop bit; otherwise, the master
then transmits the next byte, which is a data byte to be stored in
the internal slave register previously addressed. This data byte is
followed by an acknowledge bit from the slave. This process can
continue for multiple bytes, and the slave device increments its
internal register address count as it receives subsequent bytes
from the master. When all data transfer is over, the master
generates a stop condition to end the cycle.
Table 11. 2-Wire Data Transfer Terminology and Definitions
Term
Definition
Start
A start condition is always generated by the master and is defined as a high to low transition on the SDA line while SCL is
high. The bus becomes busy after a start condition.
Stop
A stop condition is always generated by the master and is defined as a low to high transition on the SDA line while SCL is
high. The bus becomes free after the stop condition occurs.
Byte Format
Every byte transmitted on SDA must be eight bits long and is transferred with the most significant bit (MSB) first. Each
byte must be followed by an acknowledge bit.
Data Valid
Condition
For data to be considered valid, the SDA line must be stable during the entire high period of its respective clock pulse.
Acknowledge
For each byte sent or received on the bus, the master generates an extra clock cycle that is used for acknowledgement,
for a total of nine bits. The transmitter releases the SDA line, which is pulled high by the external resistor, and the receiver
must pull down the SDA line and drive it low while SCL is high during this entire clock cycle to indicate acknowledgment.
SDA is left high during this clock cycle to indicate a no acknowledge (NACK) situation, usually because the device
addressed is unable to receive or transmit the data requested.
Figure 28. Complete Data Transfer
Figure 29. Write Cycle
1
2
7
8
9
7
8
9
1
2
7
8
9
1
2
SDA
SCL
START
CONDITION
STOP
CONDITION
MSB
ADDRESS
DATA
ACK
ACK
DATA
ACK
R/W
START
R/W = 0
ACK
ACK
STOP
NACK
DATA BYTE
ACK
ADDRESS BYTE
DATA BYTE
SLAVE ADDRESS
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com