Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC6545LP5ETR Datasheet(PDF) 21 Page - Analog Devices

Part # HMC6545LP5ETR
Description  32 Gbps Dual Channel Advanced Linear Equalizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC6545LP5ETR Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC6545LP5ETR Datasheet HTML 15Page - Analog Devices HMC6545LP5ETR Datasheet HTML 16Page - Analog Devices HMC6545LP5ETR Datasheet HTML 17Page - Analog Devices HMC6545LP5ETR Datasheet HTML 18Page - Analog Devices HMC6545LP5ETR Datasheet HTML 19Page - Analog Devices HMC6545LP5ETR Datasheet HTML 20Page - Analog Devices HMC6545LP5ETR Datasheet HTML 21Page - Analog Devices HMC6545LP5ETR Datasheet HTML 22Page - Analog Devices HMC6545LP5ETR Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
HMC6545
Rev. A | Page 21 of 23
EVALUATION PRINTED CIRCUIT BOARD (PCB)
Figure 34. PCB
EVALUATION KIT CONTENTS
The HMC6545 evaluation PCB kit, EKIT01-HMC6545LP5,
includes the following components:
•
6-foot USB 2.0, Type A male to Type B male cable
•
User software CD-ROM
The CD-ROM contains user software, an evaluation PCB
schematic, and a user manual.
To order the evaluation kit, see the Ordering Guide section.
21
20
SCL
3.3V
SDA
J10
GND
R16
R15
R23
R24
R22
40
C17
U11
C18
OUTP1
C14
U5
C13
INN0
INP0
OUTN0
C16
C15
TP1
+5V
GND
+3.3V
C30
VCC0
R18
TP5
C27
C29
C28
C25
U2
GND
SW1
U1
J1
J2
J3
J4
J5
J6
J7
J8
TP2
TP4
TP3
U7
OUTP0
U4
1
R11
C19
U6
C20
INP1
J9
INN1
TP6
TP7
SVCC
VCC1
OUTN1
C37
C36
C34
R17
R12
TP8
VDD1
R13
R14 R10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com