Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7172-4BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7172-4BCPZ
Description  Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7172-4BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7172-4BCPZ Datasheet HTML 9Page - Analog Devices AD7172-4BCPZ Datasheet HTML 10Page - Analog Devices AD7172-4BCPZ Datasheet HTML 11Page - Analog Devices AD7172-4BCPZ Datasheet HTML 12Page - Analog Devices AD7172-4BCPZ Datasheet HTML 13Page - Analog Devices AD7172-4BCPZ Datasheet HTML 14Page - Analog Devices AD7172-4BCPZ Datasheet HTML 15Page - Analog Devices AD7172-4BCPZ Datasheet HTML 16Page - Analog Devices AD7172-4BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
Data Sheet
AD7172-4
Rev. A | Page 13 of 61
FREQUENCY (MHz)
0
0.000002
0.000004
0.000006
0.000008
0.000010
0.000012
0.000014
0.000016
0.000018
0.000020
1000 201000 401000 601000 80100010010001201000140100016010001801000
ANALOG INPUT BUFFERS OFF
ANALOG INPUT BUFFERS ON
Figure 17. Noise vs. External Master Clock Frequency,
Analog Input Buffers On and Off
1
10
100
1k
10k
100k
1M
VIN FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
Figure 18. Common-Mode Rejection Ratio (CMRR) vs. VIN Frequency
(VIN = 0.1 V, Output Data Rate = 31.25 kSPS)
10
20
30
40
50
60
70
VIN FREQUENCY (Hz)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
Figure 19. Common-Mode Rejection Ratio (CMRR) vs. VIN Frequency
(VIN = 0.1 V, 10 Hz to 70 Hz, Output Data Rate = 20 SPS, Enhanced Filter)
1
10
100
1k
10k
100k
100M
10M
1M
VIN FREQUENCY (Hz)
–140
–130
–120
–110
–100
–90
–80
–70
–60
Figure 20. Power Supply Rejection Ratio (PSRR) vs. VIN Frequency
–5
–4
–3
–2
–1
0
1
2
3
4
5
VIN (V)
–6
–4
–2
0
2
4
6
CRYSTAL BUFFERS OFF
CRYSTAL BUFFERS ON
CLK BUFFERS OFF
CLK BUFFERS ON
2.5V REFERENCE,
ANALOG INPUT BUFFERS OFF
2.5V REFERENCE, ANALOG INPUT BUFFERS ON
5V REFERENCE, ANALOG INPUT BUFFERS OFF
5V REFERENCE, ANALOG INPUT BUFFERS ON
Figure 21. Integral Nonlinearity (INL) vs. VIN
(Differential Input)
INL (ppm)
0
35
30
25
20
15
10
5
0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00 3.25
Figure 22. INL Distribution Histogram (Differential Input, All Input Buffers
Enabled, VREF = 2.5 V External, 100 Units)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com