Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7172-4BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD7172-4BCPZ
Description  Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7172-4BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7172-4BCPZ Datasheet HTML 17Page - Analog Devices AD7172-4BCPZ Datasheet HTML 18Page - Analog Devices AD7172-4BCPZ Datasheet HTML 19Page - Analog Devices AD7172-4BCPZ Datasheet HTML 20Page - Analog Devices AD7172-4BCPZ Datasheet HTML 21Page - Analog Devices AD7172-4BCPZ Datasheet HTML 22Page - Analog Devices AD7172-4BCPZ Datasheet HTML 23Page - Analog Devices AD7172-4BCPZ Datasheet HTML 24Page - Analog Devices AD7172-4BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Data Sheet
AD7172-4
Rev. A | Page 21 of 61
ADC MODE AND INTERFACE MODE CONFIGURATION
SELECT ADC OPERATING MODE, CLOCK SOURCE,
ENABLE CRC, DATA + STATUS, AND MORE
SETUP CONFIGURATION
8 POSSIBLE ADC SETUPS
SELECT FILTER ORDER, OUTPUT DATA RATE, AND MORE
CHANNEL CONFIGURATION
SELECT POSITIVE AND NEGATIVE INPUT FOR EACH ADC CHANNEL
SELECT ONE OF 8 SETUPS FOR ADC CHANNEL
A
B
C
Figure 45. Suggested ADC Configuration Flow
Table 9. Communications Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00
COMMS
[7:0]
WEN
R/W
RA
0x00
W
Table 10. ID Register
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x07
ID
[15:8]
ID[15:8]
0x205X
R
[7:0]
ID[7:0]
Table 11. Channel Register 0
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x10
CH0
[15:8]
CH_EN0
SETUP_SEL0
Reserved
AINPOS0[4:3]
0x8001
RW
[7:0]
AINPOS0[2:0]
AINNEG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com