Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16488CMLZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADIS16488CMLZ
Description  Tactical Grade, Ten Degrees of Freedom Inertial Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16488CMLZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADIS16488CMLZ Datasheet HTML 18Page - Analog Devices ADIS16488CMLZ Datasheet HTML 19Page - Analog Devices ADIS16488CMLZ Datasheet HTML 20Page - Analog Devices ADIS16488CMLZ Datasheet HTML 21Page - Analog Devices ADIS16488CMLZ Datasheet HTML 22Page - Analog Devices ADIS16488CMLZ Datasheet HTML 23Page - Analog Devices ADIS16488CMLZ Datasheet HTML 24Page - Analog Devices ADIS16488CMLZ Datasheet HTML 25Page - Analog Devices ADIS16488CMLZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
ADIS16488A
Data Sheet
Rev. C | Page 22 of 35
FIR FILTER BANKS
The ADIS16488A provides four configurable, 120-tap FIR filter
banks. Each coefficient is 16 bits wide and occupies its own
register location for each page. When designing a FIR filter for
these banks, usea sample rateof2.46 kHzandscalethecoefficients
so that their sum equals 32,768. For filter designs that haveless
than 120 taps, load the coefficients into the lower portion of the
filter and start with Coefficient 1. To prevent adding phasedelay
to the response, ensurethat all unused tapsare equal to zero.
The FILTR_BNK_x registers providethreebits per sensor,
which configure the filter bank(A, B, C, D) and turn filtering
on and off. For example, turn to Page 3 (DIN = 0x8003), then
write 0x0057 to FILTR_BNK_0 (DIN = 0x9657, DIN = 0x9700)
to set the x-axis gyroscope to use the FIR filter in BankD, to set
the y-axis gyroscope to use the FIR filter in BankB, and to
enable these FIR filters in both x- and y-axis gyroscopes. Note
that the filter settings update after writing to the upperbyte;
therefore, always configurethe lower bytefirst. In cases that
require configuration to only the lower byte of either
FILTR_BNK_0 or FILTR_BNK_1, completethe process by
writing 0x00 to the upper byte.
Table 58. FILTR_BNK_0(Page3, Base Address = 0x16)
Bits
Description (Default = 0x0000)
15
Don’t care
14
Y-axis accelerometer filter enable (1 = enabled)
[13:12]
Y-axis accelerometer filter bank selection:
00 = Bank A, 01 = Bank B, 10 = Bank C, 11 = Bank D
11
X-axis accelerometer filter enable (1 = enabled)
[10:9]
X-axis accelerometer filter bank selection:
00 = Bank A, 01 = Bank B, 10 = Bank C, 11 = Bank D
8
Z-axis gyroscope filter enable (1 = enabled)
[7:6]
Z-axis gyroscope filter bank selection:
00 = Bank A, 01 = Bank B, 10 = Bank C, 11 = Bank D
5
Y-axis gyroscope filter enable (1 = enabled)
[4:3]
Y-axis gyroscope filter bank selection:
00 = Bank A, 01 = Bank B, 10 = Bank C, 11 = Bank D
2
X-axis gyroscope filter enable (1 = enabled)
[1:0]
X-axis gyroscope filter bank selection:
00 = Bank A, 01 = Bank B, 10 = Bank C, 11 = Bank D
Table 59. FILTR_BNK_1(Page3, Base Address = 0x18)
Bits
Description (Default = 0x0000)
[15:12]
Don’t care
11
Z-axis magnetometer filterenable (1 = enabled)
[10:9]
Z-axis magnetometer filterbank selection:
00 = Bank A, 01 = Bank B, 10 = Bank C, 11 = Bank D
8
Y-axis magnetometer filter enable (1 = enabled)
[7:6]
Y-axis magnetometer filter bank selection:
00 = Bank A, 01 = Bank B, 10 = Bank C, 11 = Bank D
5
X-axis magnetometer filter enable (1 = enabled)
[4:3]
X-axis magnetometer filter bank selection:
00 = Bank A, 01 = Bank B, 10 = Bank C, 11 = Bank D
2
Z-axis accelerometer filter enable (1 = enabled)
[1:0]
Z-axis accelerometer filter bank selection:
00 = Bank A, 01 = Bank B, 10 = Bank C, 11 = Bank D
Filter Memory Organization
Each filter bankuses two pages of the user register structure.
See Table 60, Table 61, Table 62, and Table 63 for the register
addressesin each filter bank.
Table 60. Filter Bank A Memory Map
Page
PAGE_ID
Address
Register
5
0x05
0x00
PAGE_ID
5
0x05
0x02 to 0x07
Not used
5
0x05
0x08
FIR_COEF_A000
5
0x05
0x0A
FIR_COEF_A001
5
0x05
0x0C to 0x7C
FIR_COEF_A002 to
FIR_COEF_A058
5
0x05
0x7E
FIR_COEF_A059
6
0x06
0x00
PAGE_ID
6
0x06
0x02 to 0x07
Not used
6
0x06
0x08
FIR_COEF_A060
6
0x06
0x0A
FIR_COEF_A061
6
0x06
0x0C to 0x7C
FIR_COEF_A062 to
FIR_COEF_A118
6
0x06
0x7E
FIR_COEF_D119
Table 61. Filter Bank B Memory Map
Page
PAGE_ID
Address
Register
7
0x07
0x00
PAGE_ID
7
0x07
0x02 to 0x07
Not used
7
0x07
0x08
FIR_COEF_B000
7
0x07
0x0A
FIR_COEF_B001
7
0x07
0x0C to 0x7C
FIR_COEF_B002 to
FIR_COEF_B058
7
0x07
0x7E
FIR_COEF_B059
8
0x08
0x00
PAGE_ID
8
0x08
0x02 to 0x07
Not used
8
0x08
0x08
FIR_COEF_B060
8
0x08
0x0A
FIR_COEF_B061
8
0x08
0x0C to 0x7C
FIR_COEF_B062 to
FIR_COEF_B118
8
0x08
0x7E
FIR_COEF_B119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com