Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADuM4151BRIZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADuM4151BRIZ
Description  5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4151BRIZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADuM4151BRIZ Datasheet HTML 14Page - Analog Devices ADuM4151BRIZ Datasheet HTML 15Page - Analog Devices ADuM4151BRIZ Datasheet HTML 16Page - Analog Devices ADuM4151BRIZ Datasheet HTML 17Page - Analog Devices ADuM4151BRIZ Datasheet HTML 18Page - Analog Devices ADuM4151BRIZ Datasheet HTML 19Page - Analog Devices ADuM4151BRIZ Datasheet HTML 20Page - Analog Devices ADuM4151BRIZ Datasheet HTML 21Page - Analog Devices ADuM4151BRIZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ADuM4151/ADuM4152/ADuM4153
Data Sheet
For example, at a magnetic field frequency of 1 MHz, the
maximum allowable magnetic field of 0.5 kgauss, induces a
voltage of 0.25 V at the receiving coil. This voltage is about 50%
of the sensing threshold and does not cause a faulty output
transition. If such an event occurs, with the worst-case polarity,
during a transmitted pulse, the interference reduces the
received pulse from >1.0 V to 0.75 V. This voltage is still well
above the 0.5 V sensing threshold of the decoder.
The preceding magnetic flux density values correspond to
specific current magnitudes at given distances away from the
ADuM4151/ADuM4152/ADuM4153 transformers. Figure 18
expresses these allowable current magnitudes as a function of
frequency for selected distances. The ADuM4151/ADuM4152/
ADuM4153 are insensitive to external fields. Only extremely
large, high frequency currents, very close to the component are
a concern. For the 1 MHz example noted, placing a 1.2 kA
current 5 mm away from the ADuM4151/ADuM4152/
ADuM4153 affects component operation.
MAGNETIC FIELD FREQUENCY (Hz)
1000
100
10
1
0.1
0.01
1k
10k
100M
100k
1M
10M
DISTANCE = 5mm
DISTANCE = 1m
DISTANCE = 100mm
Figure 18. Maximum Allowable Current for Various Current to
ADuM4151/ADuM4152/ADuM4153 Spacings
At combinations of strong magnetic field and high frequency,
any loops formed by the PCB traces may induce sufficiently
large error voltages to trigger the thresholds of succeeding
circuitry. Take care to avoid PCB structures that form loops.
POWER CONSUMPTION
The supply current at a given channel of the ADuM4151/
ADuM4152/ADuM4153 isolators is a function of the supply
voltage, the data rate of the channel, and the output load of the
channel and whether it is a high or low speed channel.
The low speed channels draw a constant quiescent current
caused by the internal ping-pong datapath. The operating
frequency is low enough that the capacitive losses caused by
the recommended capacitive load are negligible compared to
the quiescent current. The explicit calculation for the data rate
is eliminated for simplicity, and the quiescent current for each
side of the isolator due to the low speed channels can be found
in Table 3, Table 6, Table 9, and Table 12 for the particular
operating voltages.
These quiescent currents add to the high speed current as is
shown in the following equations for the total current for each
side of the isolator. Dynamic currents are taken from Table 3
and Table 6 for the respective voltages.
For Side 1, the supply current is given by
IDD1 = IDDI(D) × (fMCLK + fMO + fMSS) +
fMI × (IDDO(D) + ((0.5 × 10−3) × CL(MI) × VDD1)) + IDD1(Q)
For Side 2, the supply current is given by
IDD2 = IDDI(D) × fSO +
fSCLK × (IDDO(D) +((0.5 × 10−3) × CL(SCLK) × VDD2)) +
fSI × (IDDO(D) +((0.5 × 10−3) × CL(SI) × VDD2)) +
fSSS × (IDDO(D) +((0.5 × 10−3) × CL(SSS) × VDD2)) + IDD2(Q)
where:
IDDI(D), IDDO(D) are the input and output dynamic supply currents
per channel (mA/Mbps).
fx is the logic signal data rate for the specified channel (Mbps).
CL(x) is the load capacitance of the specified output (pF).
VDDx is the supply voltage of the side being evaluated (V).
IDD1(Q), IDD2(Q) are the specified Side 1 and Side 2 quiescent
supply currents (mA).
Figure 8 and Figure 11 show the typical supply current per
channel as a function of data rate for an input and unloaded
output. Figure 9 and Figure 12 show the total IDD1 and IDD2 supply
currents as a function of data rate for the ADuM4151/ADuM4152/
ADuM4153 channel configurations with all high speed channels
running at the same speed and the low speed channels at idle.
INSULATION LIFETIME
All insulation structures eventually break down when subjected
to voltage stress over a sufficiently long period. The rate of
insulation degradation is dependent on the characteristics of the
voltage waveform applied across the insulation as well as the
materials and material interfaces.
Two types of insulation degradation are of primary interest:
breakdown along surfaces exposed to the air and insulation
wear out. Surface breakdown is the phenomenon of surface
tracking and the primary determinant of surface creepage
requirements in system level standards. Insulation wear out is
the phenomenon where charge injection or displacement
currents inside the insulation material cause long-term
insulation degradation.
Rev. A | Page 20 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com