Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADuM4151BRIZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADuM4151BRIZ
Description  5 kV, 7-Channel, SPIsolator Digital Isolators for SPI
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4151BRIZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADuM4151BRIZ Datasheet HTML 14Page - Analog Devices ADuM4151BRIZ Datasheet HTML 15Page - Analog Devices ADuM4151BRIZ Datasheet HTML 16Page - Analog Devices ADuM4151BRIZ Datasheet HTML 17Page - Analog Devices ADuM4151BRIZ Datasheet HTML 18Page - Analog Devices ADuM4151BRIZ Datasheet HTML 19Page - Analog Devices ADuM4151BRIZ Datasheet HTML 20Page - Analog Devices ADuM4151BRIZ Datasheet HTML 21Page - Analog Devices ADuM4151BRIZ Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
ADuM4151/ADuM4152/ADuM4153
Data Sheet
Rev. A | Page 22 of 22
OUTLINE DIMENSIONS
20
11
10
1
SEATING
PLANE
COPLANARITY
0.1
1.27 BSC
15.40
15.30
15.20
7.60
7.50
7.40
2.64
2.54
2.44
1.01
0.76
0.51
0.30
0.20
0.10
10.51
10.31
10.11
0.46
0.36
2.44
2.24
PIN 1
MARK
1.93 REF
8°
0°
0.32
0.23
0.71
0.50
0.31
45°
0.25 BSC
GAGE
PLANE
COMPLIANT TO JEDEC STANDARDS MS-013
Figure 20. 20-Lead Standard Small Outline Package, with Increased Creepage [SOIC_IC]
Wide Body
(RI-20-1)
Dimension shown in millimeters
ORDERING GUIDE
Model1, 2, 3
No. of
Inputs,
VDD1 Side
No. of
Inputs,
VDD2 Side
Maximum
Data Rate
(MHz)
Maximum
Propagation
Delay, 5 V (ns)
Isolation
Rating
(V ac)
Temperature
Range
Package
Description
Package
Option
ADuM4151ARIZ
5
2
1
25
5000
−40°C to +125°C
20-Lead SOIC_IC
RI-20-1
ADuM4151ARIZ-RL
5
2
1
25
5000
−40°C to +125°C
20-Lead SOIC_IC,
13”Tape and Reel
RI-20-1
ADuM4151BRIZ
5
2
17
14
5000
−40°C to +125°C
20-Lead SOIC_IC
RI-20-1
ADuM4151BRIZ-RL
5
2
17
14
5000
−40°C to +125°C
20-Lead SOIC_IC,
13”Tape and Reel
RI-20-1
ADuM4152ARIZ
4
3
1
25
5000
−40°C to +125°C
20-Lead SOIC_IC
RI-20-1
ADuM4152ARIZ-RL
4
3
1
25
5000
−40°C to +125°C
20-Lead SOIC_IC,
13”Tape and Reel
RI-20-1
ADuM4152BRIZ
4
3
17
14
5000
−40°C to +125°C
20-Lead SOIC_IC
RI-20-1
ADuM4152BRIZ-RL
4
3
17
14
5000
−40°C to +125°C
20-Lead SOIC_IC,
13”Tape and Reel
RI-20-1
ADuM4153ARIZ
3
4
1
25
5000
−40°C to +125°C
20-Lead SOIC_IC
RI-20-1
ADuM4153ARIZ-RL
3
4
1
25
5000
−40°C to +125°C
20-Lead SOIC_IC,
13”Tape and Reel
RI-20-1
ADuM4153BRIZ
3
4
17
14
5000
−40°C to +125°C
20-Lead SOIC_IC
RI-20-1
ADuM4153BRIZ-RL
3
4
17
14
5000
−40°C to +125°C
20-Lead SOIC_IC,
13”Tape and Reel
RI-20-1
EVAL-ADuM3151Z
Evaluation Board
1 Z = RoHS Compliant Part.
2 The EVAL-ADuM3151Z uses a functionally equivalent device for evaluation. The pad layout on the EVAL-ADuM3151Z board does not support the 20-lead SOIC_IC package.
3 To evaluate the functionality of the alternative low speed channel configurations of the ADuM4152 and the ADuM4153, the user must purchase an ADuM3152 or an
ADuM3153 and replace the component on the EVAL-ADuM3151Z evaluation board.
©2014–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12370-0-3/15(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com