Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP2301 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # STP2301
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

STP2301 Datasheet(HTML) 2 Page - Nanjing International Group Co

  STP2301 Datasheet HTML 1Page - Nanjing International Group Co STP2301 Datasheet HTML 2Page - Nanjing International Group Co STP2301 Datasheet HTML 3Page - Nanjing International Group Co STP2301 Datasheet HTML 4Page - Nanjing International Group Co STP2301 Datasheet HTML 5Page - Nanjing International Group Co STP2301 Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Part Number
Package Code
Handling Code
Shipping
STP2301S-TRG
S : SOT-23
TR : Tape&Reel
3K/Reel
Year Code : 0 ~ 9, 2010 : 0
Week Code : A(1~2) ~ Z(53~54)
SOT-23 : Only available in tape and reel packaging.
Symbol
Parameter
Typical
Unit
VDSS
Drain-Source Voltage
-20
V
VGSS
Gate-Source Voltage
±12
V
Continuous Drain Current (TC=25°C)
A
-3.0
A
ID
Continuous Drain Current (TC=70°C)
A
VGS=-10V
-2.8
A
IDM
Pulsed Drain Current
B
-10
A
PD
Power Dissipation
TA=25°C
TA=70°C
1.25
0.8
W
TJ
Operation Junction Temperature
-55 to150
°C
TSTG
Storage Temperature Range
-55 to150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Symbol
Parameter
Typ
Max
Unit
R JA
Thermal Resistance-Junction to Ambient
A
Steady-State
-
125
°C/W
R JC
Thermal Resistance Junction to Lead
A
Steady-State
-
85
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com