Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP2301 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # STP2301
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

STP2301 Datasheet(HTML) 3 Page - Nanjing International Group Co

  STP2301 Datasheet HTML 1Page - Nanjing International Group Co STP2301 Datasheet HTML 2Page - Nanjing International Group Co STP2301 Datasheet HTML 3Page - Nanjing International Group Co STP2301 Datasheet HTML 4Page - Nanjing International Group Co STP2301 Datasheet HTML 5Page - Nanjing International Group Co STP2301 Datasheet HTML 6Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Static Parameters
V(BR)DSS
Drain-Source Breakdown Voltage VGS=0V,ID=-250 A
-20
V
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=-250 A
-0.5
-1.2
V
IGSS
Gate Leakage Current
VDS=0V,VGS=±12V
±100
nA
VDS=-20V,VGS=0V, TJ=25°C
-1
IDSS
Zero Gate Voltage Drain Current
VDS=-20V,VGS=0V, TJ=55°C
-5
A
RDS(ON)
Drain-source On-Resistance
B
VGS=-4.5V,ID=-3.0A
VGS=-2.5V,ID=-2.0A
80
110
98
130
m
Gfs
Forward Transconductance
VDS=-5V,ID=-3.0A
7.5
S
Source-Drain Doide
VSD
Diode Forward Voltage
IS=-1.0A,VGS=0V
-0.7
-1.2
V
IS
Continuous Source Current
AD
-6
A
Dynamic Parameters
Qg
Total Gate Charge
9.4
Qgs
Gate-Source Charge
1.2
Qgd
Gate-Drain Charge
VDS=-12V
VGS=-4.5V
ID -3.0A
3.5
nC
Ciss
Input Capacitance
521
Coss
Output Capacitance
81
Crss
Reverse Transfer Capacitance
VDS=-10V
VGS=0V
f=1MHz
56
pF
td(on)
7.2
tr
Turn-On Time
16
td(off)
21
tf
Turn-Off Time
VDD=-12V
ID=-1A
VGEN=-4.5V
RG=3.3
9
nS
Note:
A. The value of R JA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment
with TA=25 C.
B. The data tested by pulsed , pulse width
300uS , duty cycle
2%
C. The EAS data shows Max. rating . The test condition is VDD=-25V,VGS=-10V,L=0.1mH.
D. The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com