Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C199-35VC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C199-35VC
Description  32K x 8 Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199-35VC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C199-35VC Datasheet HTML 5Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 6Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 7Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 8Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 9Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 10Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 11Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 12Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY7C199
Document #: 38-05160 Rev. *A
Page 9 of 13
MILITARY SPECIFICATIONS
Group A Subgroup Testing
25
CY7C199-25PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C199-25SC
S21
28-Lead Molded SOIC
CY7C199-25VC
V21
28-Lead Molded SOJ
CY7C199-25ZC
Z28
28-Lead Thin Small Outline Package
CY7C199-25SI
S21
28-Lead Molded SOIC
Industrial
CY7C199-25VI
V21
28-Lead Molded SOJ
CY7C199-25ZI
Z28
28-Lead Thin Small Outline Package
CY7C199-25DMB
D22
28-Lead (300-Mil) CerDIP
Military
CY7C199-25LMB
L54
28-Pin Rectangular Leadless Chip Carrier
35
CY7C199-35PC
P21
28-Lead (300-Mil) Molded DIP
Commercial
CY7C199-35SC
S21
28-Lead Molded SOIC
CY7C199-35VC
V21
28-Lead Molded SOJ
CY7C199-35ZC
Z28
28-Lead Thin Small Outline Package
CY7C199-35SI
S21
28-Lead Molded SOIC
Industrial
CY7C199-35VI
V21
28-Lead Molded SOJ
CY7C199-35ZI
Z28
28-Lead Thin Small Outline Package
CY7C199-35DMB
D22
28-Lead (300-Mil) CerDIP
Military
CY7C199-35LMB
L54
28-Pin Rectangular Leadless Chip Carrier
45
CY7C199-45DMB
D22
28-Lead (300-Mil) CerDIP
Military
CY7C199-45LMB
L54
28-Pin Rectangular Leadless Chip Carrier
Ordering Information (continued)
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
Shaded area contains advance information. Contact your Cypress sales representative for availability
DC Characteristics
Parameter
Subgroups
VOH
1, 2, 3
VOL
1, 2, 3
VIH
1, 2, 3
VIL Max.
1, 2, 3
IIX
1, 2, 3
IOZ
1, 2, 3
ICC
1, 2, 3
ISB1
1, 2, 3
ISB2
1, 2, 3
Switching Characteristics
Parameter
Subgroups
Read Cycle
tRC
7, 8, 9, 10, 11
tAA
7, 8, 9, 10, 11
tOHA
7, 8, 9, 10, 11
tACE
7, 8, 9, 10, 11
tDOE
7, 8, 9, 10, 11
Write Cycle
tWC
7, 8, 9, 10, 11
tAA
7, 8, 9, 10, 11
tAW
7, 8, 9, 10, 11
tHA
7, 8, 9, 10, 11
tSA
7, 8, 9, 10, 11
tPWE
7, 8, 9, 10, 11
tSD
7, 8, 9, 10, 11
tHD
7, 8, 9, 10, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com