Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C199-35VC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C199-35VC
Description  32K x 8 Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199-35VC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C199-35VC Datasheet HTML 1Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 2Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 3Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 4Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 5Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 6Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 7Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 8Page - Cypress Semiconductor CY7C199-35VC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY7C199
Document #: 38-05160 Rev. *A
Page 3 of 13
ISB1
Automatic CE
Power-down Current—
TTL Inputs
Max. VCC,CE>VIH,
VIN>VIHorVIN<VIL,
f = fMAX
Com’l30
30
25
25
mA
L5
5
5
5
mA
ISB2
Automatic CE
Power-down Current—
CMOS Inputs
Max. VCC,
CE > VCC – 0.3V
VIN > VCC – 0.3V or
VIN < 0.3V, f=0
Com’l10
10
10
10
mA
L
0.05
0.05
0.05
0.05
µA
Mil
15
15
15
15
mA
Electrical Characteristics Over the Operating Range (-20, -25, -35, -45) (continued)[3]
Parameter
Description
Test Conditions
7C199-20
7C199-25
7C199-35
7C199-45
Unit
Min. Max. Min. Max. Min. Max.
Min.
Max.
Capacitance[4 ]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
8pF
COUT
Output Capacitance
8
pF
AC Test Loads and Waveforms[5]
Data Retention Characteristics Over the Operating Range (L-version only)
Parameter
Description
Conditions[6]
Min.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
Com’l
VCC = VDR = 2.0V, CE > VCC –
0.3V, VIN > VCC – 0.3V or VIN <
0.3V
µA
Com’l L
10
µA
tCDR
[4]
Chip Deselect to Data Retention Time
0
ns
tR
[5]
Operation Recovery Time
200
µs
3.0V
5V
OUTPUT
R1 481
Ω
R2
255
Ω
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤t
r
≤t
r
5V
OUTPUT
R1 481
Ω
R2
255
Ω
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
1.73V
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
167
Ω
Data Retention Waveform
Note:
4.
Tested initially and after any design or process changes that may affect these parameters.
5.
tR< 3 ns for the -12 and the -15 speeds. tR< 5 ns for the -20 and slower speeds
6.
No input may exceed VCC + 0.5V.
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com