Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC405 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC405
Description  Low-Cost, Low-Power, 110MHz Op Amp with Disable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC405 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC405 Datasheet HTML 1Page - National Semiconductor (TI) CLC405 Datasheet HTML 2Page - National Semiconductor (TI) CLC405 Datasheet HTML 3Page - National Semiconductor (TI) CLC405 Datasheet HTML 4Page - National Semiconductor (TI) CLC405 Datasheet HTML 5Page - National Semiconductor (TI) CLC405 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CLC405 Typical Performance Characteristics (A
V = +2, Rf = 348Ω:Vcc = + 5V, RL = 100Ω unless specified)
Non-Inverting Frequency Response
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
Gain
Phase
AV+4
AV+2
AV+2
Rf =348
AV+1
Rf =2k
AV+10
Rf =100
AV+4
Rf =200
AV+10
AV+1
Inverting Frequency Response
-360
-270
-315
-225
-180
1
10
100
Frequency (MHz)
Gain
Phase
AV-4
AV-2
AV-4
Rf =200
AV-1
Rf =348
AV-10
Rf =500
AV-10
AV-1
AV-2
Rf =200
Frequency Response For Various RLs
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
Gain
Phase
RL=50
RL=1k
RL=100
RL=100
RL=50
RL=1k
Frequency Response vs. Vout
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
Gain
Phase
Vo=2Vpp
Vo=5Vpp
Vo=0.2Vpp
Vo=2Vpp
Vo=1Vpp
Vo=5Vpp
Vo=0.2Vpp
Vo=1Vpp
Frequency Response vs. Capacitive Load
1
10
100
Frequency (MHz)
CL=.001µfd
Rs =10
CL=100pF
Rs =30
CL=10pF
Rs =100
CL
1k
Rs
+
-
348
Ω
348
Ω
Gain Flatness & Linear Phase Deviation
Frequency (MHz)
Phase
Gain
030
15
Maximum Output Voltage vs. RL
Load (
Ω)
7.0
6.0
5.0
4.0
3.0
2.0
100
0
200
300
400
500
Open Loop Transimpedance Gain, Z(s)
1k
10M
100M
Frequency (Hz)
130
110
90
70
50
30
200
160
120
80
40
0
Gain
Phase
1M
100k
10k
100
Ω
-
+
CLC405
V
o
I
i
Equivalent Input Noise
Frequency (Hz)
100
10
1
1k
100
10k
100k
1M
10M
100
10
1
Inverting Current = 12pA/
√Hz
Voltage = 5nV/
√Hz
Non-Inverting Current = 3pA/
√Hz
2nd & 3rd Harmonic Distortion
Frequency (MHz)
-40
-50
-90
0.1
1
10
-70
-80
-60
3rd Rl = 100
2nd Rl = 1k
3rd Rl = 1k
2nd Rl = 100
Vo = 2Vpp
2nd Harmonic Distortion vs. Pout
Output Power (dBm)
-45
-55
-85
-10
0
10
-65
-75
500KHz
1MHz
5MHz
10MHz
10dBm = 2Vpp
0dBm = .63Vpp
+
-
50
Ω
50
Ω
Pout
3rd Harmonic Distortion vs. Pout
Output Power (dBm)
-45
-55
-85
-10
0
10
-65
-75
10dBm = 2Vpp
0dBm = .63Vpp
+
-
50
Ω
50
Ω
Pout
500KHz
1MHz
5MHz
10MHz
Output Resistance vs. Frequency
Frequency (MHz)
50
30
1
10
100
-10
-30
10
-50
Forward and Reverse Gain During Disable
Frequency (MHz)
0
-20
1
10
100
-60
-80
-40
-100
Forward
Reverse
Differential Gain and Phase
Number of 150
Ω Loads
0.20
0.15
1
2
3
0.05
0
0.10
Gain
Phase
4
1.00
0.75
0.25
0
0.50
75
Ω
+
-
348
Ω
348
Ω
75
Ω
CLC405
825
Ω
75
Ω
V
out
V
in
-V
cc
f = 3.58MHz
3
http://www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com