Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC405 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC405
Description  Low-Cost, Low-Power, 110MHz Op Amp with Disable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC405 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC405 Datasheet HTML 1Page - National Semiconductor (TI) CLC405 Datasheet HTML 2Page - National Semiconductor (TI) CLC405 Datasheet HTML 3Page - National Semiconductor (TI) CLC405 Datasheet HTML 4Page - National Semiconductor (TI) CLC405 Datasheet HTML 5Page - National Semiconductor (TI) CLC405 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Input - Bias Current, Impedances, and Source
Termination Considerations
The CLC405 has:
• a 6MΩ non-inverting input impedance.
• a 100nA non-inverting input bias current.
If a large source impedance application is considered,
remove all parasitic capacitance around the non-invert-
ing input and source traces.
Parasitic capacitances
near the input and source act as a low-pass filter and
reduce bandwidth.
Current feedback op amps have uncorrelated input
bias currents. These uncorrelated bias currents prevent
source impedance matching on each input from can-
celing offsets. Refer to application note OA-07 of the
data book to find specific circuits to correct DC offsets.
Layout Considerations
Whenever questions about layout arise, USE THE
EVALUATION BOARD AS A TEMPLATE.
Use the CLC730013 and CLC730027 evaluation
boards for the DIP and SOIC respectively. These board
layouts were optimized to produce the typical perfor-
mance of the CLC405 shown in the data sheet. To
reduce parasitic capacitances, the ground plane was
removed near pins 2, 3, and 6. To reduce series induc-
tance, trace lengths of components and nodes were
minimized.
Parasitics on traces degrade performance. Minimize
coupling from traces to both power and ground planes.
Use low inductive resistors for leaded components.
Do not use dip sockets for the CLC405 DIP amplifiers.
These sockets can peak the frequency domain
response or create overshoot in the time domain
response.
Use flush-mount socket pins when socket-
ing is necessary.
The 730013 circuit board device
holes are sized for Cambion P/N 450-2598 socket pins
or their functional equivalent.
Insert the back matching resistor (Rout) shown in Figure
2 when driving coaxial cable or a capacitive load. Use
the plot in the typical performance section labeled
“Settling Time vs. Capacitive Load” to determine the
optimum resistor value for Rout for different capacitive
loads. This optimal resistance improves settling tim for
pulse-type applications and increases stability.
Figure 2
Use power-supply bypassing capacitors when operat-
ing this amplifier. Choose quality 0.1
µF ceramics for C
1
and C2. Choose quality 6.8µF tantalum capacitors for
C3 and C4. Place the 0.1µF capacitors within 0.1 inch-
es from the power pins. Place the 6.8
µF capacitors
within 3/4 inches from the power pins.
Video Performance vs. IEX
Improve the video performance of the CLC405 by
drawing extra current from the amplifier output stage.
Using a single external resistor as shown in Figure 3,
you can adjust the differential phase. Video perfor-
mance vs. IEX is illustrated below in Graph 1. This graph
represents positive video performance with negative
synchronization pulses.
Graph1
Figure 3
The value for Rpd in Figure 3 is determined by :
at +5V supplies.
Wideband Digital PGA
As shown on the front page, the CLC405 is easily con-
figured as a digitally controlled programmable gain
amplifier. Make a PGA by configuring several amplifiers
at required gains. Keep Rf near 348Ω and change Rg
for each different gain. Use a TTL decoder that has
enough outputs to control the selection of different gains
and the buffer stage. Connect the buffer stage like the
buffer of the front page. The buffer isolates each gain
stage from the load and can produce a gain of zero for
a gain selection of zero. Use of an inverter (7404) on the
buffer disable pin to keep the buffer operational at all
gains except zero. Or float the buffer disable pin for a
continuous enable state.
Differential Gain & Phase vs. IEX
IEX in mA
0.25
0.20
0.15
0.10
0.05
0
2
0
4
6
8
10
0.25
0.20
0.15
0.10
0.05
0
Phase
Gain
12
14
16
18
SMA
Output
SMA
Input
Rin
50
Ω
Rf
348
Ω
Rout
50
Ω
3
7
6
4
2
+5V
-5V
+
+
+
-
Rg
348
Ω
C1
0.1
µfd
C2
0.1
µfd
C3
6.8
µfd
C4
6.8
µfd
CLC405
Rpull
down
Rf
Rout
+
-
CLC405
Rg
Vin
-Vcc
Rt
Vout
Extra I
-5V
+5V
R
5
I
pd
EX
=
5
http://www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com