Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDS2-M Datasheet(PDF) 3 Page - CUI INC

Part # PDS2-M
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDS2-M Datasheet(HTML) 3 Page - CUI INC

  PDS2-M Datasheet HTML 1Page - CUI INC PDS2-M Datasheet HTML 2Page - CUI INC PDS2-M Datasheet HTML 3Page - CUI INC PDS2-M Datasheet HTML 4Page - CUI INC PDS2-M Datasheet HTML 5Page - CUI INC PDS2-M Datasheet HTML 6Page - CUI INC PDS2-M Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PDS2-M │ DESCRIPTION: DC-DC CONVERTER
date 08/13/2015
│ page 3 of 7
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
temperature rise
at full load, Ta = 25°C
25
°C
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5 mm from case for 10 seconds
300
°C
reflowsoldering
seereflowsolderingprofile
245
°C
0
50
100
150
200
250
Pe ak .Tem p2 45
(M ax.)
245
217
60
Max
(>217)
Se c
Time (sec.)
°C
°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com