Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDS2-M Datasheet(PDF) 5 Page - CUI INC

Part # PDS2-M
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDS2-M Datasheet(HTML) 5 Page - CUI INC

  PDS2-M Datasheet HTML 1Page - CUI INC PDS2-M Datasheet HTML 2Page - CUI INC PDS2-M Datasheet HTML 3Page - CUI INC PDS2-M Datasheet HTML 4Page - CUI INC PDS2-M Datasheet HTML 5Page - CUI INC PDS2-M Datasheet HTML 6Page - CUI INC PDS2-M Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
CUI Inc
│ SERIES: PDS2-M │ DESCRIPTION: DC-DC CONVERTER
date 08/13/2015
│ page 5 of 7
EMC RECOMMENDED CIRCUIT
Recommended external circuit components
Vin
(Vdc)
C1
C2
CY1
LDM
5
4.7μF/50V 4.7μF/50V
--
6.8μH
12
4.7μF/50V 4.7μF/50V
--
6.8μH
15
4.7μF/50V 4.7μF/50V
--
6.8μH
24
4.7μF/50V 4.7μF/50V 1nF/2kV
6.8μH
Vin
GND
+Vo
0V
DC/DC
LOAD
LDM
C1
CY
Vin
GND
Cout
C2
DERATING CURVES
Ambient Temperature (°C)
-40
50
60
80
100
40
20
-20
020406085
71
105 120
Temperature Derating Curve
Safe operating area
5 Vdc output models
all other models
10
20
30
40
50
60
70
80
90
100
10
-10
0
2.5
5
7.5
-2.5
-5
-7.5
Typical Load
Line
Rated Output Voltage
1.0
-7.5
Output Current Percentage (%)
(Nominal Input Voltage)
Tolerance Envelope Curve (3.3Vdc output model)
10
20
30
40
50
60
70
80
90
100
10
-10
0
2.5
5
7.5
-2.5
-5
-7.5
Typical Load
Line
Rated Output Voltage
2.5
-2.5
-7.5
Output Current Percentage (%)
(Nominal Input Voltage)
Tolerance Envelope Curve (all other output models)
-15
Figure 1
Table 1
Rated Output Voltage
Output Current Percentage (%)
(Nominal Input Voltage)
Tolerance Envelope Curve
(all other models)
10 20
40
60
80
100
10
0
5
-5
Rated Output Voltage
1.0
-7.5
-15
Output Current Percentage (%)
(Nominal Input Voltage)
Tolerance Envelope Curve
(3.3 Vdc output only)
Typical
Load
Line
-10
-15
10 20
40
60
80
100
10
0
5
-5
2.5
-2.5
Typical
Load Line
-10
-15
-7.5
Max
Max
Min
Min
Note:
1.CYof1nF/2kVrequiredforPDS2-S12-S24-M
2. See Table 2 for Cout values
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com