Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF20 Datasheet(PDF) 3 Page - CUI INC

Part # PRF20
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRF20 Datasheet(HTML) 3 Page - CUI INC

  PRF20 Datasheet HTML 1Page - CUI INC PRF20 Datasheet HTML 2Page - CUI INC PRF20 Datasheet HTML 3Page - CUI INC PRF20 Datasheet HTML 4Page - CUI INC PRF20 Datasheet HTML 5Page - CUI INC PRF20 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PRF20 │ DESCRIPTION: DC-DC CONVERTER
date
02/12/2014 │ page 3 of 6
0.10
[2.5]
1.800
Bottom View
PCB Layout
Top View
Front View
[45.72]
2.00
[50.8]
0.040
[1.02]
0.10
[2.5]
1.800
[45.72]
2.00
[50.8]
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
85
°C
storage temperature
-55
125
°C
humidity
non-condensing
95
%
case temperature
105
°C
vibration
EN50155 (EN61373)
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
see wave soldering profile
260
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.00 x 1.00 x 0.40 (50.8 x 25.4 x 10.2 mm)
inch
case material
black coated copper with non-conductive base
weight
35
g
MECHANICAL DRAWING
0
50
100
150
200
250
300
0
20
40
60
80
100
120
140
160
180
Time (Seconds)
Notes:
1. Soldering materials: Sn/Cu/Ni
2. Ramp up rate during preheat: 1.4°C/s (from 50°C to 100°C)
3. Soaking temperature: 0.5°C/s (from 100°C to 130°C), 60±20 seconds
4. Peak temperature: 260°C, above 250°C for 3~6 seconds
5. Ramp down rate during cooling: -10°C/s (from 260°C to 150°C)
units: inch[mm]
tolerance: X.XX = ±0.02[±0.5]
X.XXX = ±0.010[±0.25]
1.3 mm Plated Through hole
2.5 mm Pad Size
PIN CONNECTIONS
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
-Vout
5
-Vout
common
6
Remote ON/OFF
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com