Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRF20 Datasheet(PDF) 4 Page - CUI INC

Part # PRF20
Description  DC-DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PRF20 Datasheet(HTML) 4 Page - CUI INC

  PRF20 Datasheet HTML 1Page - CUI INC PRF20 Datasheet HTML 2Page - CUI INC PRF20 Datasheet HTML 3Page - CUI INC PRF20 Datasheet HTML 4Page - CUI INC PRF20 Datasheet HTML 5Page - CUI INC PRF20 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
CUI Inc
│ SERIES: PRF20 │ DESCRIPTION: DC-DC CONVERTER
date
02/12/2014 │ page 4 of 6
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
73
105
120
Temperature Derating Curve
Safe operating area
DERATING CURVES
EMC RECOMMENDED CIRCUIT
Figure 2
Figure 1
Table 2
Table 1
TEST CONFIGURATION
Cin
L1
To Oscilloscope
+Vin
-Vin
+Vo
-Vo
R-Load
Vin
+
-
Note:
Input reflected-ripple current is measured with an inductor L1 to simulate source impedance.
External components
Lin
12μH
Cin
22μF, ESR < 0.2Ω at 100 KHz
External components
3A time delay fuse
TVS
+Vin
-Vin
+Vo
-Vo
R-Load
Vin
+
-
FUSE
TVS
EN50155(EN50121-3-2)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com