Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBSD2-SIP Datasheet(PDF) 3 Page - CUI INC

Part # VBSD2-SIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBSD2-SIP Datasheet(HTML) 3 Page - CUI INC

  VBSD2-SIP Datasheet HTML 1Page - CUI INC VBSD2-SIP Datasheet HTML 2Page - CUI INC VBSD2-SIP Datasheet HTML 3Page - CUI INC VBSD2-SIP Datasheet HTML 4Page - CUI INC VBSD2-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VBSD2-SIP │ DESCRIPTION: DC-DC CONVERTER
date 01/30/2013
│ page 3 of 5
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
0.772 x 0.276 x 0.394 (19.60 x 7.00 x 10.00 mm)
inch
case material
plastic (UL94-V0)
weight
2.8
g
∅0
(Top View)
(BottomView)
(Front View)
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
FUNCTION
1
+Vin
2
GND
4
0 V
5
No PIN
6
+Vo
units: mm [inches]
tolerance: ±0.25 [±0.010]
pin section tolerance: ±0.10 mm [±0.004]
+10%
+5%
Output Current (%)
Nominal
Voltage
50%
10%
100%
+2.5%
-2.5%
-7.5%
100
80
60
40
20
Ambient Temperature (°C)
-40-20
0204060
85
105 120
DERATING CURVES
1. output power vs. ambient temperature
2. output voltage vs. output current
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com