Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBSD2-SIP Datasheet(PDF) 4 Page - CUI INC

Part # VBSD2-SIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBSD2-SIP Datasheet(HTML) 4 Page - CUI INC

  VBSD2-SIP Datasheet HTML 1Page - CUI INC VBSD2-SIP Datasheet HTML 2Page - CUI INC VBSD2-SIP Datasheet HTML 3Page - CUI INC VBSD2-SIP Datasheet HTML 4Page - CUI INC VBSD2-SIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VBSD2-SIP │ DESCRIPTION: DC-DC CONVERTER
date 01/30/2013
│ page 4 of 5
1. Requirement on Output Load
In order to ensure the product operates efficiently and reliably, make sure the specified range of input voltage is not exceeded and the
minimum output load is not less than 10% load. If the actual load is less than the specified minimum load, the output ripple may
increase sharply while its efficiency and reliability will reduce greatly. If the actual output power is very small, please add an
appropriate resistor as extra loading.
2. Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against over-current and short-circuits. The
simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
3. Filtering
In some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the DC/DC output end and input end to
reduce the noise and ripple. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a
startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest
capacitance of its filter capacitor sees the external capacitor table. To get an extremely low ripple, an “LC” filtering network may be
connected to the input and output ends of the DC/DC converter, which may produce a more significant filtering effect. It should also
be noted that the inductance and the frequency of the “LC” filtering network should be staggered with the DC/DC frequency to avoid
mutual interference (Figure 1).
4. Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat
protection that is connected to the input or output end in series (Figure 2).
5. External Capacitor Table
It is not recommended to connect any external capacitor in the application field with less than 0.5 W output.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Vin
(Vdc)
Cin
(µF)
Vout
(Vdc)
Cout
(µF)
5
4.7
5
10
12
2.2
9
4.7
24
1
12
2.2
--
--
15
1
--
--
24
1
Table 1
Figure 1
APPLICATION NOTES
Figure 2
Vin
GND
0V
+Vo
DC DC
REG
REG
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com