Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VHB75 Datasheet(PDF) 2 Page - CUI INC

Part # VHB75
Description  dc-dc converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB75 Datasheet(HTML) 2 Page - CUI INC

  VHB75 Datasheet HTML 1Page - CUI INC VHB75 Datasheet HTML 2Page - CUI INC VHB75 Datasheet HTML 3Page - CUI INC VHB75 Datasheet HTML 4Page - CUI INC VHB75 Datasheet HTML 5Page - CUI INC VHB75 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
2 of 6
05/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VHB75
NOTES:
1. Measured from high line to low line
2. Measured from full load to zero load
3. On/Off Control: Positive logic default. Referenced to -Vin. Open collector.
Module ON...open circuit
Module OFF...<0.8Vdc
4. For negative logic On/Off control, add suffix “N” to the model number
INPUT
Input Voltage Range
12V:
9-18V
24V:
18-36V
48V:
36-75V
Under Voltage Lockout
12 Vin:
power up 8.8V
power down 8V
24Vin:
power up 17V
power down 16V
48Vin:
power down 34V
power down 32.5V
ON/OFF Control
see notes 3&4
Input Filter
PI Type
OUTPUT
Voltage Accuracy
±1% max.
Transient Response: 25% Step Load Change
<500μ sec.
External Trim Adj. Range
±10%
Ripple & Noise
2.5V, 3.3V, 5V
20 mV RMS., max
20MHz BW
75 mV p-p., max
12V & 15V
30 mV RMS., max
100 mV p-p., max
24V
100 mV RMS., max
240 mV p-p, max
Temperature Coefficient
±0.03%/°C
Short Circuit Protection Continuous
Safety
approved to UL1950 (E222736)
Line Regulation1
±0.2% max
Load Regulation2
±0.2% max
Over Voltage Protection trip Range, % Vo nom.
115-140%
Current Limit
110-150% Nominal Output
GENERAL SPECIFICATIONS
Efficiency
see table
Isolation Voltage
Input/Output
1500VDC min.
Input/Case
1500VDC min.
Output/Case
1500VDC min.
Isolation Resistance
107Ohm min.
Switching Frequency
12-24Vin
400kHz, Typ.
48Vin
300kHz, Typ
Operating Case Temperature
-40°C ~ +100°C
Storage Temperature
-55°C ~ +105°C
Thermal Shutdown, Case Temp.
100°C Typ.
Dimensions
2.28x2.40x0.50 inches
(57.9x61.0x12.7mm)
Case Material
aluminum
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com