Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VHB75 Datasheet(PDF) 5 Page - CUI INC

Part # VHB75
Description  dc-dc converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHB75 Datasheet(HTML) 5 Page - CUI INC

  VHB75 Datasheet HTML 1Page - CUI INC VHB75 Datasheet HTML 2Page - CUI INC VHB75 Datasheet HTML 3Page - CUI INC VHB75 Datasheet HTML 4Page - CUI INC VHB75 Datasheet HTML 5Page - CUI INC VHB75 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
5 of 6
05/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VHB75
External Output Trimming
Output may optionally be trimmed (±10%) with external fixed resistors or an external trimpot as shown.
Output Noise
The output noise is measured with a 10uF tantalum capacitor and a 1.0uF ceramic capacitor across the output.
Logic table
Logic State(pin2)
Negative logic Positive logic
Logic Low-Switch Closed Module on
Module off
Logic High-Switch Open
Module off
Module on
Remote On/Off Control
The VHB75 series allows the user to switch the module on and off electronically with the remote on/off feature. Logic control
defaults to “positive” logic. The diagram shows the recommentded curcuits for positive logic. The “negative logic” option is also
available.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com