Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLDS100-A-277 Datasheet(PDF) 5 Page - CUI INC

Part # PLDS100-A-277
Description  LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDS100-A-277 Datasheet(HTML) 5 Page - CUI INC

  PLDS100-A-277 Datasheet HTML 1Page - CUI INC PLDS100-A-277 Datasheet HTML 2Page - CUI INC PLDS100-A-277 Datasheet HTML 3Page - CUI INC PLDS100-A-277 Datasheet HTML 4Page - CUI INC PLDS100-A-277 Datasheet HTML 5Page - CUI INC PLDS100-A-277 Datasheet HTML 6Page - CUI INC PLDS100-A-277 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 09/23/2014
page 5 of 7
CUI Inc
│ SERIES: PLDS100 │ DESCRIPTION: LED DRIVER
LED LIGHTING
ACL
(BROWN)
Power Output
VO+
(RED)
VO-
(BLACK)
DA+
(BLUE)
DA-
(WHITE)
ACN
(BLUE)
EARTH
(GREEN/YELLOW)
1. Installation Instructions
Direct Connection
Note: Output voltage of power supply must be higher than total forward voltage of series connecting LED.
Dimming Connection
Notes: 1. Output constant current can be adjusted through output cable by connecting 10~100 kΩ resistance, 1~10 Vdc, or 10 V PWM signal between DIM+ and DIM-.
2. Do not connect DIM- to V-.
3. The output will shutdown when dimming is less than 1 Vdc, 10 kΩ, or 10% PWM according to each dimming option.
DALI Dimming Connection
Note: Output constant current can be adjusted through output cable by connecting DALI controller.
APPLICATION NOTES
Resistance
10K
20K
30K
40K
50K
60K
70K
80K
90K
100K
Open
Output Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Voltage
1V
2V
3V
4V
5V
6V
7V
8V
9V
10V
Open
Output Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
Duty Cycle
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Open
Output Current
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
95~105%
10~100 kΩ Resistance Dimming
1~10 Vdc Dimming
10~100% PWM (10V)
Frequency range: 250~1000 Hz
LED LIGHTING
ACL
(BROWN)
Power Output
VO+
(RED)
VO-
(BLACK)
ACN
(BLUE)
EARTH
(GREEN/YELLOW)
LED LIGHTING
ACL
(BROWN)
Power Output
VO+
(RED)
VO-
(BLACK)
DIM+
(BLUE)
DIM-
(WHITE)
ACN
(BLUE)
EARTH
(GREEN/YELLOW)
0~100 kΩ resistance
1~10 Vdc voltage
10 V PWM signal
Meet OSRAM DALI
MCU Controller
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com