Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLDS100-A-277 Datasheet(PDF) 1 Page - CUI INC

Part # PLDS100-A-277
Description  LED DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PLDS100-A-277 Datasheet(HTML) 1 Page - CUI INC

  PLDS100-A-277 Datasheet HTML 1Page - CUI INC PLDS100-A-277 Datasheet HTML 2Page - CUI INC PLDS100-A-277 Datasheet HTML 3Page - CUI INC PLDS100-A-277 Datasheet HTML 4Page - CUI INC PLDS100-A-277 Datasheet HTML 5Page - CUI INC PLDS100-A-277 Datasheet HTML 6Page - CUI INC PLDS100-A-277 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
cui.com
date 09/23/2014
page 1 of 7
SERIES: PLDS100
│ DESCRIPTION: LED DRIVER
PART NUMBER KEY
Dimming
PE = PWM, 1~10 Vdc, resistive
D = DALI
“blank” = no dimming
FEATURES
• up to 100 W continuous power
• universal input range (90~305 Vac)
• single output
• dimming options: PWM, 1~10 Vdc,
resistive, DALI
• power factor correction ≥ 0.9
• cc and cv function
• low profile for easy installation
• IP67/IP65 rated
• over voltage, continuous short circuit,
and over temperature protection
• UL 8750, IEC/EN61347-2-13 approval
• EN61000-3-2 Class C
(harmonic current) approval
• efficiency up to 90%
• suitable for LED lighting and signage
applications
PLDS100 - X - 277XXX
Base Number
Output Current
A = 8.34 A
B = 4.17 A
C = 2.78 A
D = 2.08 A
Input Voltage
277 = (90~305 Vac)
IP Rating
A = IP67
B = IP65
MODEL
output voltage
range1
output
current
Vout
adjustment
range2
Iout
adjustment
range2
output
power
ripple
and noise3
efficiency
min
(Vdc)
max
(Vdc)
(A)
(Vdc)
(A)
max
(W)
max
(mVp-p)
typ
(%)
PLDS100-A-277
6.5
12
8.34
10.8~13.2
5.3~8.34
100
120
88
PLDS100-B-277
13
24
4.17
21.6~26.4
2.6~4.17
100
120
89
PLDS100-C-277
19
36
2.78
32.4~39.6
1.74~2.78
100
120
90
PLDS100-D-277
26
48
2.08
43.2~52.8
1.3~2.08
100
120
90
Notes:
1. constant current region
2. adjustability option only available on IP65 rated models
3. ripple and noise are measured at 95% rated current, 20MHz bandwidth with a 0.1uF ceramic capacitor and 10uF aluminum capacitor on the output.
For more information, please visit the product page.


Similar Part No. - PLDS100-A-277

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
PLDS20J TSC-PLDS20J Datasheet
467Kb / 5P
20A, 600V Low VF Surface Mount Rectifier
Version: C2502
PLDS20JH TSC-PLDS20JH Datasheet
469Kb / 5P
20A, 600V Low VF Surface Mount Rectifier
Version: C2502
PLDS3060H TSC-PLDS3060H Datasheet
465Kb / 5P
30A, 600 Surface Mount Rectifier
Version: B2502
PLDS3080H TSC-PLDS3080H Datasheet
466Kb / 5P
30A, 800V Surface Mount Rectifier
Version: D2502
PLDS30J TSC-PLDS30J Datasheet
467Kb / 5P
30A, 600V Low VF Surface Mount Rectifier
Version: C2502
More results

Similar Description - PLDS100-A-277

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com