Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC446 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC446
Description  400MHz, 50mW Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC446 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC446 Datasheet HTML 1Page - National Semiconductor (TI) CLC446 Datasheet HTML 2Page - National Semiconductor (TI) CLC446 Datasheet HTML 3Page - National Semiconductor (TI) CLC446 Datasheet HTML 4Page - National Semiconductor (TI) CLC446 Datasheet HTML 5Page - National Semiconductor (TI) CLC446 Datasheet HTML 6Page - National Semiconductor (TI) CLC446 Datasheet HTML 7Page - National Semiconductor (TI) CLC446 Datasheet HTML 8Page - National Semiconductor (TI) CLC446 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
http://www.national.com
DC Gain (unity gain buffer)
The recommended Rf for unity gain buffers is 453Ω. Rg
is left open. Parasitic capacitance at the inverting node
may require a slight increase of Rf to maintain a flat
frequency response.
DC Gain (inverting)
The inverting DC voltage gain for the configuration
shown in Figure 2 is
.
Figure 2: Inverting Gain
The normalized gain plots in the
Typical Performance
Characteristics
section
show
different
feedback
resistors (Rf) for different gains. These values of Rf are
recommended for obtaining the highest bandwidth with
minimal peaking. The resistor Rt provides DC bias for the
non-inverting input.
For |Av| < 5, use linear interpolation on the nearest Av val-
ues to calculate the recommended value of Rf. For |Av|
≥ 5, the minimum recommended R
f is 200Ω.
Select Rg to set the DC gain:
.
At large
gains, Rg becomes small and will load the previous stage.
This can be solved by driving Rg with a low impedance
buffer like the CLC111, or increasing Rf and Rg.
See the
AC Design (small signal bandwidth)
sub-section for the tradeoffs.
DC gain accuracy is usually limited by the tolerance of Rf
and Rg.
DC Gain (transimpedance)
Figure 3 shows a transimpedance circuit where the cur-
rent Iin is injected at the inverting node. The current
source’s output resistance is much greater than Rf.
The DC transimpedance gain is:
The recommended Rf is 453Ω. Parasitic capacitance at
the inverting node may require a slight increase of Rf to
maintain a flat frequency response.
DC gain accuracy is usually limited by the tolerance of Rf.
Figure 3: Transimpedance Gain
DC Design (level shifting)
Figure 4 shows a DC level shifting circuit for inverting
gain configurations. Vref produces a DC output level
shift of
, which is independent of the DC
output produced by Vin.
Figure 4: Level Shifting Circuit
DC Design (single supply)
Figure 5 is a typical single-supply circuit. R1 and R2 form
a voltage divider that sets the non-inverting input DC volt-
age. This circuit has a DC gain of 1. A low
frequency zero is set by Rg and C2. The coupling capac-
itor
C1 isolates its DC bias point from the
previous stage. Both capacitors make a high pass
response; high frequency gain is determined by Rf and Rg.
Figure 5: Single Supply Circuit
The complete gain equation for the circuit in Figure 5 is:
A
R
R
v
f
g
=−
+
-
CLC446
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
Rg
Rt
3
2
4
7
6
+
+
R
R
A
g
f
v
=
A
V
I
R
R
o
in
f
== −
+
-
CLC446
Rf
0.1
µF
6.8
µF
Vo
VCC
0.1
µF
6.8
µF
VEE
Rt
3
2
4
7
6
+
+
Iin
Vin
Rg
+
-
CLC446
Rf
Vo
Vref
Rref
Rt
+
-
CLC446
Rf
Vo
Vin
VCC
Rg
R2
R1
VCC
C1
C2
V
V
s
1s
1s
1
R
R
1s
o
in
1
1
2
f
g
2
=
+
⋅
+⋅ +
+
τ
τ
τ
τ
−⋅
V
R
R
ref
f
ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com