Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC446 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC446
Description  400MHz, 50mW Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC446 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC446 Datasheet HTML 3Page - National Semiconductor (TI) CLC446 Datasheet HTML 4Page - National Semiconductor (TI) CLC446 Datasheet HTML 5Page - National Semiconductor (TI) CLC446 Datasheet HTML 6Page - National Semiconductor (TI) CLC446 Datasheet HTML 7Page - National Semiconductor (TI) CLC446 Datasheet HTML 8Page - National Semiconductor (TI) CLC446 Datasheet HTML 9Page - National Semiconductor (TI) CLC446 Datasheet HTML 10Page - National Semiconductor (TI) CLC446 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
http://www.national.com
Using a resistor in series with a reactive load will also
reduce the load’s effect on amplifier loop dynamics. For
instance, driving coaxial cables without an output series
resistor may cause peaking or oscillation.
Transmission Line Matching
One method for matching the characteristic impedance
of a transmission line is to place the appropriate resistor
at the input or output of the amplifier. Figure 7 shows the
typical circuit configurations for matching transmission
lines.
Figure 7: Transmission Line Matching
In non-inverting gain applications, Rg is connected
directly to ground.
The resistors R1, R2, R6, and R7
are equal to the characteristic impedance, Zo, of the
transmission line or cable.
Use R3 to isolate the
amplifier from reactive loading caused by the transmis-
sion line, or by parasitics.
In inverting gain applications, R3 is connected directly to
ground. The resistors R4, R6, and R7 are equal to Zo. The
parallel combination of R5 and Rg is also equal to Zo.
The input and output matching resistors attenuate the
signal by a factor of 2, therefore additional gain is needed.
Use C6 to match the output transmission line over a greater
frequency range. It compensates for the increase of the op
amp’s output impedance with frequency.
Thermal Design
To calculate the power dissipation for the CLC446,
follow these steps:
1. Calculate the no-load op amp power:
Pamp = ICC • (VCC – VEE)
2. Calculate the output stage’s RMS power:
Po = (VCC – Vload) • Iload, where Vload and
Iload are the RMS voltage and current across
the external load.
3. Calculate the total op amp RMS power:
Pt = Pamp + Po
To calculate the maximum allowable ambient tempera-
ture, solve the following equation: Tamb = 175 – Pt • θJA,
where
θ
JA is the thermal resistance from junction to
ambient in °C/W, and Tamb is in °C. The Package
Thermal Resistance section contains the thermal
resistance for various packages.
Dynamic Range (input /output protection)
ESD diodes are present on all connected pins for
protection from static voltage damage. For a signal that
may exceed the supply voltages, we recommend using
diode clamps at the amplifier’s input to limit the signals to
less than the supply voltages.
Dynamic Range (input /output levels)
The
Electrical Characteristics section specifies the
Common-Mode Input Range and Output Voltage Range;
these
voltage
ranges
scale
with
the
supplies.
Output Current is also specified in the
Electrical
Characteristics section.
Unity gain applications are limited by the Common-Mode
Input Range. At greater non-inverting gains, the Output
Voltage Range becomes the limiting factor.
Inverting
gain applications are limited by the Output Voltage
Range. For transimpedance gain applications, the sum
of
the
input
currents
injected
at
the
inverting
input pin of the op amp needs to be:
,
where Vmax is the Output Voltage Range (see the DC
Gain (transimpedance) sub-section for details).
The equivalent output load needs to be large enough so
that the minimum output current can produce the
required output voltage swing. See the
DC Design (out-
put loading) sub-section for details.
Dynamic Range (noise)
In RF applications, noise is frequently specified as Noise
Figure (NF). This allows the calculation of signal to noise
ratio into a defined load. Figure 8 plots the NF for a
CLC446 at a gain of 10, and with a feedback resistor Rf
of 100
Ω. The minimum NF (3.9dB) occurs when the
source impedance equals 1600
Ω.
Figure 8: Noise Figure vs. Source Resistance
Figure 9: Noise Model
+
-
CLC446
R3
Z0
R6
Vo
Z0
R1
R2
+
-
Rg
Z0
R4
R5
V1
V2 +-
Rf
C6
R7
I
V
R
in
max
f
≤
Source Resistance (
Ω)
20
15
0
10
100
10k
10
5
1k
100k
+
-
CLC446
eni2
Vo
Rs
ibn2
+
-
Vs
Rf
ibi2
Rg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com