Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F876ATI/P Datasheet(PDF) 156 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 156 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 152Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 153Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 154Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 155Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 156Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 157Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 158Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 159Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 234 page
background image
PIC16F87XA
DS39582B-page 154
 2003 Microchip Technology Inc.
14.11.1
INT INTERRUPT
External interrupt on the RB0/INT pin is edge triggered,
either rising if bit INTEDG (OPTION_REG<6>) is set or
falling if the INTEDG bit is clear. When a valid edge
appears
on
the
RB0/INT
pin,
flag
bit,
INTF
(INTCON<1>), is set. This interrupt can be disabled by
clearing enable bit, INTE (INTCON<4>). Flag bit INTF
must be cleared in software in the Interrupt Service
Routine before re-enabling this interrupt. The INT
interrupt can wake-up the processor from Sleep if bit
INTE was set prior to going into Sleep. The status of
global interrupt enable bit, GIE, decides whether or not
the processor branches to the interrupt vector following
wake-up. See Section 14.14 “Power-down Mode
(Sleep)” for details on Sleep mode.
14.11.2
TMR0 INTERRUPT
An overflow (FFh
→ 00h) in the TMR0 register will set
flag bit, TMR0IF (INTCON<2>). The interrupt can be
enabled/disabled
by
setting/clearing
enable
bit,
TMR0IE (INTCON<5>). See Section 5.0 “Timer0
Module”.
14.11.3
PORTB INTCON CHANGE
An input change on PORTB<7:4> sets flag bit, RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit, RBIE (INTCON<4>). See
Section 4.2 “PORTB and the TRISB Register”.
14.12 Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key reg-
isters during an interrupt (i.e., W register and Status
register). This will have to be implemented in software.
For the PIC16F873A/874A devices, the register
W_TEMP must be defined in both Banks 0 and 1 and
must be defined at the same offset from the bank base
address (i.e., If W_TEMP is defined at 0x20 in Bank 0,
it must also be defined at 0xA0 in Bank 1). The regis-
ters, PCLATH_TEMP and STATUS_TEMP, are only
defined in Bank 0.
Since the upper 16 bytes of each bank are common in
the PIC16F876A/877A devices, temporary holding reg-
isters, W_TEMP, STATUS_TEMP and PCLATH_TEMP,
should be placed in here. These 16 locations don’t
require banking and therefore, make it easier for con-
text save and restore. The same code shown in
Example 14-1 can be used.
EXAMPLE 14-1:
SAVING STATUS, W AND PCLATH REGISTERS IN RAM
MOVWF
W_TEMP
;Copy W to TEMP register
SWAPF
STATUS,W
;Swap status to be saved into W
CLRF
STATUS
;bank 0, regardless of current bank, Clears IRP,RP1,RP0
MOVWF
STATUS_TEMP
;Save status to bank zero STATUS_TEMP register
MOVF
PCLATH, W
;Only required if using pages 1, 2 and/or 3
MOVWF
PCLATH_TEMP
;Save PCLATH into W
CLRF
PCLATH
;Page zero, regardless of current page
:
:(ISR)
;(Insert user code here)
:
MOVF
PCLATH_TEMP, W
;Restore PCLATH
MOVWF
PCLATH
;Move W into PCLATH
SWAPF
STATUS_TEMP,W
;Swap STATUS_TEMP register into W
;(sets bank to original state)
MOVWF
STATUS
;Move W into STATUS register
SWAPF
W_TEMP,F
;Swap W_TEMP
SWAPF
W_TEMP,W
;Swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com