Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F876ATI/P Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 155Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 156Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 157Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 158Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 159Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 160Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 161Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 162Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 157
PIC16F87XA
FIGURE 14-12:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
14.15 In-Circuit Debugger
When the DEBUG bit in the configuration word is pro-
grammed to a ‘0’, the in-circuit debugger functionality is
enabled. This function allows simple debugging
functions when used with MPLAB® ICD. When the
microcontroller has this feature enabled, some of the
resources are not available for general use. Table 14-8
shows
which
features
are
consumed
by
the
background debugger.
TABLE 14-8:
DEBUGGER RESOURCES
To use the in-circuit debugger function of the microcon-
troller, the design must implement In-Circuit Serial Pro-
gramming connections to MCLR/VPP, VDD, GND, RB7
and RB6. This will interface to the in-circuit debugger
module available from Microchip or one of the third
party development tool companies.
14.16 Program Verification/Code
Protection
If
the
code
protection
bit(s)
have
not
been
programmed, the on-chip program memory can be
read out for verification purposes.
14.17 ID Locations
Four memory locations (2000h-2003h) are designated
as ID locations, where the user can store checksum or
other code identification numbers. These locations are
not accessible during normal execution but are
readable and writable during program/verify. It is
recommended that only the 4 Least Significant bits of
the ID location are used.
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1
CLKO(4)
INT pin
INTF Flag
(INTCON<1>)
GIE bit
(INTCON<7>)
INSTRUCTION FLOW
PC
Instruction
Fetched
Instruction
Executed
PC
PC+1
PC+2
Inst(PC) = Sleep
Inst(PC - 1)
Inst(PC + 1)
Sleep
Processor in
Sleep
Interrupt Latency(2)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Dummy cycle
PC + 2
0004h
0005h
Dummy cycle
TOST(2)
PC+2
Note 1: XT, HS or LP Oscillator mode assumed.
2: TOST = 1024 TOSC (drawing not to scale). This delay will not be there for RC Oscillator mode.
3: GIE = 1 assumed. In this case, after wake- up, the processor jumps to the interrupt routine.
If GIE = 0, execution will continue in-line.
4: CLKO is not available in these oscillator modes but shown here for timing reference.
I/O pins
RB6, RB7
Stack
1 level
Program Memory
Address 0000h must be NOP
Last 100h words
Data Memory
0x070 (0x0F0, 0x170, 0x1F0)
0x1EB-0x1EF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com