Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F876ATI/P Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 174Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 175Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 176Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 177Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 178Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 179Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 180Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 181Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 234 page
background image
PIC16F87XA
DS39582B-page 176
 2003 Microchip Technology Inc.
IDD
Supply Current(2,5)
D010
16LF87XA
—
0.6
2.0
mA
XT, RC osc configurations,
FOSC = 4 MHz, VDD = 3.0V
D010
16F87XA
—
1.6
4
mA
XT, RC osc configurations,
FOSC = 4 MHz, VDD = 5.5V
D010A
16LF87XA
—
20
35
µA
LP osc configuration,
FOSC = 32 kHz, VDD = 3.0V,
WDT disabled
D013
16F87XA
—
7
15
mA
HS osc configuration,
FOSC = 20 MHz, VDD = 5.5V
D015
∆IBOR
Brown-out
Reset Current(6)
—
85
200
µA
BOR enabled, VDD = 5.0V
17.1
DC Characteristics:
PIC16F873A/874A/876A/877A (Industrial, Extended)
PIC16LF873A/874A/876A/877A (Industrial) (Continued)
PIC16LF873A/874A/ 876A/877A
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC16F873A/874A/876A/877A
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic/
Device
Min
Typ†
Max
Units
Conditions
Legend: Rows with standard voltage device data only are shaded for improved readability.
† Data in “Typ” column is at 5V, 25°C, unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
This is the limit to which VDD can be lowered without losing RAM data.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading, switching rate, oscillator type, internal code execution pattern and temperature, also have an
impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD and VSS.
4:
For RC osc configuration, current through REXT is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.
5:
Timer1 oscillator (when enabled) adds approximately 20
µA to the specification. This value is from
characterization and is for design guidance only. This is not tested.
6:
The
∆ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.
7:
When BOR is enabled, the device will operate correctly until the VBOR voltage trip point is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com