Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F876ATI/P Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 178Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 179Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 180Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 181Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 182Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 183Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 184Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 185Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 234 page
background image
PIC16F87XA
DS39582B-page 180
 2003 Microchip Technology Inc.
TABLE 17-1:
COMPARATOR SPECIFICATIONS
TABLE 17-2:
VOLTAGE REFERENCE SPECIFICATIONS
Operating Conditions:
3.0V < VDD < 5.5V, -40°C < TA < +85°C (unless otherwise stated)
4.0V < VDD < 5.5V, -40°C < TA < +125°C (unless otherwise stated)
Param
No.
Sym
Characteristics
Min
Typ
Max
Units
Comments
D300
VIOFF
Input Offset Voltage
—
± 5.0
± 10
mV
D301
VICM
Input Common Mode Voltage*
0
-
VDD – 1.5
V
D302
CMRR
Common Mode Rejection Ratio*
55
-
—
dB
300
300A
TRESP
Response Time*(1)
—150
400
600
ns
ns
PIC16F87XA
PIC16LF87XA
301
TMC2OV
Comparator Mode Change to
Output Valid*
——
10
µs
*
These parameters are characterized but not tested.
Note 1:
Response time measured with one comparator input at (VDD – 1.5)/2 while the other input transitions from
VSS to VDD.
Operating Conditions:
3.0V < VDD < 5.5V, -40°C < TA < +85°C (unless otherwise stated)
4.0V < VDD < 5.5V, -40°C < TA < +125°C (unless otherwise stated)
Spec
No.
Sym
Characteristics
Min
Typ
Max
Units
Comments
D310
VRES
Resolution
VDD/24
—
VDD/32
LSb
D311
VRAA
Absolute Accuracy
—
—
—
—
1/2
1/2
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
D312
VRUR
Unit Resistor Value (R)*
—
2k
—
Ω
310
TSET
Settling Time*(1)
—
—
10
µs
*
These parameters are characterized but not tested.
Note 1:
Settling time measured while VRR = 1 and VR<3:0> transitions from ‘0000’ to ‘1111’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com