Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F876ATI/P Datasheet(PDF) 185 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 185 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 181Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 182Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 183Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 184Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 185Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 186Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 187Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 188Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 189Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 183
PIC16F87XA
FIGURE 17-5:
CLKO AND I/O TIMING
TABLE 17-4:
CLKO AND I/O TIMING REQUIREMENTS
Note: Refer to Figure 17-3 for load conditions.
OSC1
CLKO
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units Conditions
10*
TOSH2CKLOSC1
↑ to CLKO ↓
—
75
200
ns
(Note 1)
11*
TOSH2CKHOSC1
↑ to CLKO ↑
—
75
200
ns
(Note 1)
12*
TCKR
CLKO Rise Time
—
35
100
ns
(Note 1)
13*
TCKF
CLKO Fall Time
—
35
100
ns
(Note 1)
14*
TCKL2IOVCLKO
↓ to Port Out Valid
—
—
0.5 TCY + 20
ns
(Note 1)
15*
TIOV2CKH
Port In Valid before CLKO
↑
TOSC + 200
—
—
ns
(Note 1)
16*
TCKH2IOI
Port In Hold after CLKO
↑
0—
—
ns
(Note 1)
17*
TOSH2IOVOSC1
↑ (Q1 cycle) to Port Out Valid
—
100
255
ns
18*
TOSH2IOIOSC1
↑ (Q2 cycle) to Port Input
Invalid (I/O in hold time)
Standard (F)
100
—
—
ns
Extended (LF)
200
—
—
ns
19*
TIOV2OSH Port Input Valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20*
TIOR
Port Output Rise Time
Standard (F)
—
10
40
ns
Extended (LF)
—
—
145
ns
21*
TIOF
Port Output Fall Time
Standard (F)
—
10
40
ns
Extended (LF)
—
—
145
ns
22††*
TINP
INT pin High or Low Time
TCY
——
ns
23††*
TRBP
RB7:RB4 Change INT High or Low Time
TCY
——
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
††
These parameters are asynchronous events not related to any internal clock edges.
Note
1:
Measurements are taken in RC mode where CLKO output is 4 x TOSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com