Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F876ATI/P Datasheet(PDF) 184 Page - Microchip Technology

Part # PIC16F876ATI/P
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/P Datasheet(HTML) 184 Page - Microchip Technology

Back Button PIC16F876ATI/P Datasheet HTML 180Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 181Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 182Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 183Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 184Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 185Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 186Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 187Page - Microchip Technology PIC16F876ATI/P Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 234 page
background image
PIC16F87XA
DS39582B-page 182
 2003 Microchip Technology Inc.
FIGURE 17-4:
EXTERNAL CLOCK TIMING
OSC1
CLKO
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
TABLE 17-3:
EXTERNAL CLOCK TIMING REQUIREMENTS
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
External CLKI Frequency
(Note 1)
DC
—
1
MHz
XT and RC Osc mode
DC
—
20
MHz
HS Osc mode
DC
—
32
kHz
LP Osc mode
Oscillator Frequency
(Note 1)
DC
—
4
MHz
RC Osc mode
0.1
—
4
MHz
XT Osc mode
4
5
—
—
20
200
MHz
kHz
HS Osc mode
LP Osc mode
1TOSC
External CLKI Period
(Note 1)
1000
—
—
ns
XT and RC Osc mode
50
—
—
ns
HS Osc mode
5—
—
µsLP Osc mode
Oscillator Period
(Note 1)
250
—
—
ns
RC Osc mode
250
—
1
µs
XT Osc mode
100
—
250
ns
HS Osc mode
50
—
250
ns
HS Osc mode
31.25
—
—
µsLP Osc mode
2TCY
Instruction Cycle Time
(Note 1)
200
TCY
DC
ns
TCY = 4/FOSC
3TOSL,
TOSH
External Clock in (OSC1) High or
Low Time
100
—
—
ns
XT oscillator
2.5
—
—
µs
LP oscillator
15
—
—
ns
HS oscillator
4TOSR,
TOSF
External Clock in (OSC1) Rise or
Fall Time
—
—
25
ns
XT oscillator
—
—
50
ns
LP oscillator
—
—
15
ns
HS oscillator
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are
based on characterization data for that particular oscillator type, under standard operating conditions, with
the device executing code. Exceeding these specified limits may result in an unstable oscillator operation
and/or higher than expected current consumption. All devices are tested to operate at “min.” values with an
external clock applied to the OSC1/CLKI pin. When an external clock input is used, the “max.” cycle time
limit is “DC” (no clock) for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com