Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM628128DLP-7SL Datasheet(PDF) 17 Page - Hitachi Semiconductor

Part # HM628128DLP-7SL
Description  1 M SRAM (128-kword x 8-bit)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128DLP-7SL Datasheet(HTML) 17 Page - Hitachi Semiconductor

Back Button HM628128DLP-7SL Datasheet HTML 12Page - Hitachi Semiconductor HM628128DLP-7SL Datasheet HTML 13Page - Hitachi Semiconductor HM628128DLP-7SL Datasheet HTML 14Page - Hitachi Semiconductor HM628128DLP-7SL Datasheet HTML 15Page - Hitachi Semiconductor HM628128DLP-7SL Datasheet HTML 16Page - Hitachi Semiconductor HM628128DLP-7SL Datasheet HTML 17Page - Hitachi Semiconductor HM628128DLP-7SL Datasheet HTML 18Page - Hitachi Semiconductor HM628128DLP-7SL Datasheet HTML 19Page - Hitachi Semiconductor HM628128DLP-7SL Datasheet HTML 20Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
HM628128D Series
17
HM628128DLT Series (TFP-32D)
0.10
0.08 M
0.50
8.00
0.22
± 0.08
20.00
± 0.20
0
° – 5°
32
116
17
8.20 Max
0.45 Max
0.50
± 0.10
0.80
0.20
± 0.06
Dimension including the plating thickness
Base material dimension
Hitachi Code
JEDEC Code
EIAJ Code
Weight (reference value)
TFP-32D
MO-142BD
SC-664
0.39 g
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com