Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC5523 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5523
Description  Low-Power, Variable Gain Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5523 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button CLC5523 Datasheet HTML 4Page - National Semiconductor (TI) CLC5523 Datasheet HTML 5Page - National Semiconductor (TI) CLC5523 Datasheet HTML 6Page - National Semiconductor (TI) CLC5523 Datasheet HTML 7Page - National Semiconductor (TI) CLC5523 Datasheet HTML 8Page - National Semiconductor (TI) CLC5523 Datasheet HTML 9Page - National Semiconductor (TI) CLC5523 Datasheet HTML 10Page - National Semiconductor (TI) CLC5523 Datasheet HTML 11Page - National Semiconductor (TI) CLC5523 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
http://www.national.com
8
Evaluation Boards
Evaluation boards are available for both the 8-pin DIP
and small outline package types.
Evaluation kits that
contain an evaluation board and CLC5523 samples can
be obtained by calling National Semiconductor’s
Customer Service Center at 1-800-272-9959. The 8-pin
DIP evaluation kit part number is CLC730065. The 8-pin
small outline evaluation kit part number is CLC730066.
The DIP evaluation kit has been designed to utilize axial
lead components. The small outline evaluation kit has
been designed to utilize surface mount components.
The circuit diagram shown in Figure 5, applies to both the
DIP and the small outline evaluation boards.
Gain
Control
RX
50
W
Vin
Rg
GND
VG
I-
Vo
-VCC
+VCC
Rin
50
W
Input
Signal
Rg
100
W
0.1
mF
6.8
mF
Rf
1k
Wž
Ro
50
Wž
0.1
mF
6.8
mF
-5V
5V
Output
X1
*
25
W
* 25
W series resistor is not required on the
small outline device and does not appear on
the small outline board
Figure 5: Evaluation Board Schematic
Printed Circuit Board Layout
High frequency op amp performance is strongly
dependent on proper layout, proper resistive termination
and adequate power supply decoupling. The most impor-
tant layout points to follow are:
s
Use a ground plane
s
Bypass each power supply pin with these capacitors:
s
a high-quality 0.1
mF ceramic capacitor placed
less than 0.2” (5mm) from the pin
s
a 6.8
mF tantalum capacitor less than 2” (50mm)
from the pin
s
for the plastic DIP package, a high-quality
1000pF ceramic capacitor placed less than 0.1”
(3mm) from the pin
Capacitively bypassing power pins to a good ground plane
with a minimum of trace length (inductance) is necessary
for any high speed device, but it is particularly important for
the CLC5523.
s
Establish wide, low impedance, power supply traces
s
For the plastic DIP package, a 25
W resistor should
be connected from pin 4 to ground with a minimum
length trace
s
Minimize or eliminate sources of capacitance
between the Rf pin and the output pin. Avoid
adjacent feedthrough vias between the Rf and
output leads since such a geometry may give rise
to a significant source of capacitance.
s
Minimize trace and lead lengths for components
between the inverting and output pins
s
Remove ground plane 0.1” (3mm) from all
input/output pads
s
For prototyping, use flush-mount printed circuit
board pins;
never use high profile DIP sockets
To minimize high frequency distortion, other layout issues
need be addressed:
s
Short, equal length, low impedance power supply
return paths from the load to the supplies
s
avoid returning output ground currents near the
input stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com