Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLC5523 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5523
Description  Low-Power, Variable Gain Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5523 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5523 Datasheet HTML 1Page - National Semiconductor (TI) CLC5523 Datasheet HTML 2Page - National Semiconductor (TI) CLC5523 Datasheet HTML 3Page - National Semiconductor (TI) CLC5523 Datasheet HTML 4Page - National Semiconductor (TI) CLC5523 Datasheet HTML 5Page - National Semiconductor (TI) CLC5523 Datasheet HTML 6Page - National Semiconductor (TI) CLC5523 Datasheet HTML 7Page - National Semiconductor (TI) CLC5523 Datasheet HTML 8Page - National Semiconductor (TI) CLC5523 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Typical Application
Variable Gain Amplifier
Circuit
CLC5523
Low-Power, Variable Gain Amplifier
March 2000
Features
s
Low power: 135mW
s
250MHz, -3dB bandwidth
s
Slew rate 1800V/
ms
s
Gain flatness 0.2dB @ 75MHz
s
Rise & fall times 2.0ns
s
Low input voltage noise 4nV/
ÖHz
Applications
s
Automatic gain control
s
Voltage controlled filters
s
Automatic signal leveling for A/D
s
Amplitude modulation
s
Variable gain transimpedance
General Descriptions
The CLC5523 is a low power, wideband, DC-coupled, voltage-
controlled gain amplifier. It provides a voltage-controlled gain
block coupled with a current feedback output amplifier. High
impedance inputs and minimum dependence of bandwidth on
gain make the CLC5523 easy to use in a wide range of
applications.
This amplifier is suitable as a continuous gain
control element in a variety of electronic systems which benefit
from a wide bandwidth of 250MHz and high slew rate of
1800V/
ms, with only 135mW of power dissipation.
Input impedances in the megaohm range on both the signal
and gain control inputs simplify driving the CLC5523 in any
application. The CLC5523 can be configured to use pin 3 as a
low impedance input making it an ideal interface for current
inputs. By using the CLC5523’s inverting configuration in which
RG is driven directly, inputs which exceed the device’s input
voltage range may be used.
The gain control input (VG), with a 0 to 2V input range, and a
linear-in-dB gain control, simplifies the implementation of AGC
circuits. The gain control circuit can adjust the gain as fast as
4dB/ns. Maximum gains from 2 to 100 are accurately and simply
set by two external resistors while attenuation of up to 80dB from
this gain can be achieved.
The extremely high slew rate of 1800V/
ms and wide bandwidth
provides high speed rise and fall times of 2.0ns, with settling time
for a 2 volt step of only 22ns to 0.2%. In time domain applications
where linear phase is important with gain adjust, the internal cur-
rent mode circuitry maintains low deviation of delay over a wide
gain adjust range.
Frequency Response with Changes in Vg
Frequency (Hz)
30
20
10
0
-10
-20
-30
-40
-50
1M
10M
100M
© 2000 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
+
-
CLC5523
Rf
Vo
Vin
Rg
2
3
4
1
VG
RL
5
-5V
8
+5V
6
7
25
W
VG
VIN
Rg
GND
I-
VO
-VCC
+VCC
X1
Pinout
DIP & SOIC


Similar Part No. - CLC5523

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5526 NSC-CLC5526 Datasheet
274Kb / 10P
Digital Variable Gain Amplifier (DVGA)
CLC5526MSA NSC-CLC5526MSA Datasheet
274Kb / 10P
Digital Variable Gain Amplifier (DVGA)
CLC5526PCASM NSC-CLC5526PCASM Datasheet
274Kb / 10P
Digital Variable Gain Amplifier (DVGA)
More results

Similar Description - CLC5523

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6503 NSC-LMH6503 Datasheet
1,009Kb / 20P
Wideband, Low Power, Linear Variable Gain Amplifier
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
Wideband, Low Power, Variable Gain Amplifier
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
Variable Gain Low Noise Amplifier
logo
Analog Devices
AD8338 AD-AD8338 Datasheet
406Kb / 16P
Low Power, 18 MHz Variable Gain Amplifier
REV. 0
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
LMH6504 TI1-LMH6504 Datasheet
1Mb / 29P
LMH6504 Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
Low Power, 18 MHz Variable Gain Amplifier
6/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com