Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC2211-2.8/3.0BML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2211-2.8/3.0BML
Description  Dual UCap LDO in 3mm 횞 3mm MLF?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2211-2.8/3.0BML Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC2211-2.8/3.0BML Datasheet HTML 1Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 2Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 3Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 4Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 5Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 6Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 7Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 8Page - Micrel Semiconductor MIC2211-2.8/3.0BML Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MIC2211
Micrel
M9999-090204
6
August 2004
0
5
10
15
20
25
30
35
0
50
100
150
OUTPUT 1 LOAD CURRENT (mA)
Ground Current
vs. Output Current
LDO1 Only
LDO2 Disabled (V
EN2 = LOW)
LDO1
0
5
10
15
20
25
30
35
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Ground Current
vs. Output Current
LDO2 Only
LDO1 Disabled (V
EN1 = LOW)
LDO2
0
10
20
30
40
50
60
0
50
100
150
OUTPUT 1 LOAD CURRENT (mA)
Ground Current
vs. Output Current
Both LDOs Active
LDO2 = 300mA
Output Current LDO1
Varied from 0 to Full Load
Both Enabled
0
10
20
30
40
50
60
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Ground Current
vs. Output Current
Both LDOs Active
LDO1 = 150mA
Output Current LDO2
Varied from 0 to Full Load
Both Enabled
Typical Characteristics (cont.)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
2.25 2.75 3.25 3.75 4.25 4.75 5.25
SUPPLY VOLTAGE (V)
Enable Voltage Threshold
vs. Supply Voltage
2.65
2.70
2.75
2.80
2.85
2.90
2.95
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage 2
vs. Temperature
100
µA load
2.85
2.90
2.95
3.00
3.05
3.10
3.15
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Output Voltage 1
vs. Temperature
100
µA load
2.820
2.825
2.830
2.835
2.840
2.845
2.850
2.855
2.860
2.865
2.870
0
50
100 150 200 250 300
OUTPUT 2 LOAD CURRENT (mA)
Output Voltage
vs. Load Current
2.580
2.585
2.590
2.595
2.600
2.605
2.610
0
25
50
75
100 125 150
OUTPUT 1 LOAD CURRENT (mA)
Output Voltage
vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com